Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65040 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS65040
Description  CLOCK- AND POWER-MANAGEMENT IC FOR RF SYSTEM
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65040 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS65040_07 Datasheet HTML 8Page - Texas Instruments TPS65040_07 Datasheet HTML 9Page - Texas Instruments TPS65040_07 Datasheet HTML 10Page - Texas Instruments TPS65040_07 Datasheet HTML 11Page - Texas Instruments TPS65040_07 Datasheet HTML 12Page - Texas Instruments TPS65040_07 Datasheet HTML 13Page - Texas Instruments TPS65040_07 Datasheet HTML 14Page - Texas Instruments TPS65040_07 Datasheet HTML 15Page - Texas Instruments TPS65040_07 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 74 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TPS65040
SLVS708B – NOVEMBER 2006 – REVISED APRIL 2007
Over recommended input conditions, T
A = –30°C to 85°C, typical values are VBAT = 3.8 V, VIO1V8 = 1.85 V at TA = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V15_V18A (LOW DROPOUT OUTPUT)
Normal mode output voltage
ILOAD = 5 mA
1.81
1.85
1.89
VO(V15)
V
Low power mode output voltage
ILOAD = 1 mA
1.81
1.85
1.89
Normal mode maximum output
15
mA
current
IO(V15)
Low power mode maximum output
2
mA
current
VO(V15_ACC)
Total output accuracy(1)
–4%
4%
ICL(V15)
Current limit protection(2)
VO(V15) = 0 V
60
170
mA
VSAT(V15)
Output saturation voltage(2)
0.3
V
ISD(V15)
Shutdown current(3)
VBN4 pin at TA = 25°C
1
µ A
VBN4 pin, ILOAD = 0 mA at TA = 25°C
Normal mode quiescent current
V11_V28TX, V12_V28RX and V13_V18A are
40
60
off
IQ(V15)
µA
VBN4 pin, ILOAD = 0 mA at TA = 25°C
Low power mode quiescent current
V11_V28TX, V12_V28RX and V13_V18A are
1.3
3
off
VREG(V15)
Line regulation(2)
VBAT = 3.1 V ~ 4.5 V, ILOAD = 15 mA
0.1
0.4
%/V
IREG(V15)
Load regulation(2)(4)
ILOAD = 10 µA to 15 mA
50
100
mV
ILOAD = 10 µA to 15 mA, ITR = 1 µs
70
100
mV
ITR(V15)
Load transient(2)(4)
ILOAD = 15 mA to 10 µA, ITF = 1 µs
70
100
mV
VBAT = 3.8 V, FRIPPLE = 1 kHz, ILOAD = 15 mA
60
dB
Power supply ripple
PSRR(V15)
VBAT = 3.8 V, FRIPPLE = 100 kHz,
rejection(2)(4)(5)
45
dB
ILOAD = 15 mA
VON(V15)
Output noise(2)(4)
ILOAD = 5 mA, 10 Hz to 100 kHz
30
µVrms
VO(V15) > 90%, ILOAD = 10 µA to 15 mA ,
VIO1V8 pin = 0 V to VVIO, or VIO1V8 pin = VVIO
tST(V15)
Startup time(2)(4)
500
µs
and WRFON pin = VVIO and
r[PSCNT15](6) = 0 to 1
VO(V15) < 10%, ILOAD = 0 mA, VIO1V8 pin = VVIO
tF(V15)
Output voltage falling time(4)
5
ms
to 0 V, or r[PSCNT15] = 1 to 0
VBAT UNDERVOLTAGE ELECTRICAL CHARACTERISTICS(7)
Normal mode output voltage
1.85
V
VO(V15)
2.7 V < VBAT < 3.1
Low power mode output voltage
1.85
V
(1)
Total accuracy includes line and load regulation, temperature and process condition. It does not include load and line transients
(2)
Normal mode operation
(3)
Shutdown current includes V11_V28TX, V12_V28RX, and V13_V28A
(4)
Not production tested. Specified by using the reference EVM.
(5)
Ripple voltage = 0.1 VPP
(6)
r[PSCNT15] is a name of register command by serial interface.
(7)
V15 LDO is the only functional operation. The electrical characteristics are typical, but not specified.
12
Submit Documentation Feedback


Similar Part No. - TPS65040_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65040 TI-TPS65040 Datasheet
1Mb / 72P
[Old version datasheet]   CLOCK- AND POWER-MANAGEMENT IC FOR RF SYSTEM
More results

Similar Description - TPS65040_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65040 TI-TPS65040 Datasheet
1Mb / 72P
[Old version datasheet]   CLOCK- AND POWER-MANAGEMENT IC FOR RF SYSTEM
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
logo
Toshiba Semiconductor
TC7734FTG TOSHIBA-TC7734FTG Datasheet
2Mb / 84P
   Power Management System IC
2015-6-5
logo
STMicroelectronics
L9952XP STMICROELECTRONICS-L9952XP Datasheet
854Kb / 68P
   Power management system IC
logo
Semtech Corporation
SH3002 SEMTECH-SH3002 Datasheet
354Kb / 22P
   Reset Management and Clock Management Support IC for Microcontrollers
logo
STMicroelectronics
L9952GXP STMICROELECTRONICS-L9952GXP Datasheet
865Kb / 68P
   Power management system IC
logo
Dialog Semiconductor
DA9063 DIALOG-DA9063 Datasheet
1Mb / 4P
   System Power Management IC (PMIC) for applications
logo
Skyworks Solutions Inc.
SKY87021-11 SKYWORKS-SKY87021-11 Datasheet
145Kb / 2P
   Power Management IC for the SkyBlue System
SKY87020-13 SKYWORKS-SKY87020-13 Datasheet
149Kb / 2P
   Power Management IC for the SkyBlue System
logo
Semtech Corporation
SH3001 SEMTECH-SH3001 Datasheet
486Kb / 20P
   Real-Time Clock and Clock Management Support IC for Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com