Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61201DRCT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61201DRCT
Description  LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61201DRCT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61201DRCT Datasheet HTML 6Page - Texas Instruments TPS61201DRCT Datasheet HTML 7Page - Texas Instruments TPS61201DRCT Datasheet HTML 8Page - Texas Instruments TPS61201DRCT Datasheet HTML 9Page - Texas Instruments TPS61201DRCT Datasheet HTML 10Page - Texas Instruments TPS61201DRCT Datasheet HTML 11Page - Texas Instruments TPS61201DRCT Datasheet HTML 12Page - Texas Instruments TPS61201DRCT Datasheet HTML 13Page - Texas Instruments TPS61201DRCT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
www.ti.com
t-Time-2ms/div
TPS61201
V
=3.3V,
PowerSaveEnabled
O
V =1.8V,R =33k
I
L
W
t-Time-1 s/div
m
TPS61202
V
=5V,
PowerSaveDisabled
O
V =1.8V,R =17
I
L
W
t-Time-100 s/div
m
TPS61202
V
=5V,
PowerSaveEnabled
O
V =1.8V,R =55k
I
L
W
t-Time-1ms/div
TPS61201
V
=3.3V
O
V =1.8V,I =300mA to400mA
I
L
TPS61200
TPS61201
TPS61202
SLVS577 – MARCH 2007
OUTPUT VOLTAGE, POWER SAVE MODE DISABLED
OUTPUT VOLTAGE IN POWER SAVE MODE
Figure 15.
Figure 16.
OUTPUT VOLTAGE IN POWER SAVE MODE
LOAD TRANSIENT RESPONSE
Figure 17.
Figure 18.
10
Submit Documentation Feedback


Similar Part No. - TPS61201DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61201DRCT TI-TPS61201DRCT Datasheet
995Kb / 26P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61201DRCT TI-TPS61201DRCT Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61201DRCT TI-TPS61201DRCT Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61201DRCTG4 TI-TPS61201DRCTG4 Datasheet
995Kb / 26P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61201DRCTG4 TI-TPS61201DRCTG4 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
More results

Similar Description - TPS61201DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61200 TI-TPS61200_08 Datasheet
995Kb / 26P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200_081 TI-TPS61200_081 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200_082 TI-TPS61200_082 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200 TI-TPS61200_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS6120x Low Input Voltage Synchronous Boost Converter With 1.3-A Switches
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
logo
Diodes Incorporated
AP72250 DIODES-AP72250_V01 Datasheet
2Mb / 26P
   0.6V TO 5.5V INPUT SYNCHRONOUS BOOST CONVERTER WITH 4.7A SWITCHES
Rev. 1 - 2 January 2022
logo
Semtech Corporation
SC120 SEMTECH-SC120 Datasheet
454Kb / 21P
   Low Voltage Synchronous Boost Converter
SC122 SEMTECH-SC122 Datasheet
202Kb / 13P
   Low Voltage Synchronous Boost Converter
logo
Texas Instruments
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com