Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61070 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS61070
Description  90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61070 Datasheet(HTML) 2 Page - Texas Instruments

  TPS61070_07 Datasheet HTML 1Page - Texas Instruments TPS61070_07 Datasheet HTML 2Page - Texas Instruments TPS61070_07 Datasheet HTML 3Page - Texas Instruments TPS61070_07 Datasheet HTML 4Page - Texas Instruments TPS61070_07 Datasheet HTML 5Page - Texas Instruments TPS61070_07 Datasheet HTML 6Page - Texas Instruments TPS61070_07 Datasheet HTML 7Page - Texas Instruments TPS61070_07 Datasheet HTML 8Page - Texas Instruments TPS61070_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS TABLE
(1)
RECOMMENDED OPERATING CONDITIONS
TPS61070, TPS61071
TPS61072, TPS61073
SLVS510B – JULY 2006 – REVISED MAY 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OUTPUT VOLTAGE OPTIONS(1)
OUTPUT
EN THRESHOLD
POWER-
OPERATING
PACKAGE
PART
TA
VOLTAGE
REFERENCE
PACKAGE
SAVE MODE
FREQUENCY
MARKING
NUMBER(2)
DC/DC
VOLTAGE
Adjustable
Enabled
1200 kHz
VBAT
AUH
TPS61070DDC
Adjustable
Disabled
1200 kHz
VBAT
AUJ
TPS61071DDC
- 40
°C to
6-Pin
85
°C
TSOT23
Adjustable
Disabled
600 kHz
VBAT
BUM
TPS61072DDC
Adjustable
Enabled
1200 kHz
1.8 V Logic
BUN
TPS61073DDC
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
The DDC package is available taped and reeled. Add R suffix to device type (e.g., TPS61070DDCR) to order quantities of 3000 devices
per reel. Add T suffix to device type (e.g., TPS61070DDCT) to order quantities of 250 devices per reel.
over operating free-air temperature range (unless otherwise noted)(1)
TPS6107x
Input voltage range on SW, VOUT, VBAT, EN, FB
-0.3 V to 7 V
Operating virtual junction temperature range, TJ
-40
°C to 150°C
Storage temperature range Tstg
-65
°C to 150°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
THERMAL RESISTANCE
DERATING FACTOR
POWER RATING
PACKAGE
ABOVE
TA≤ 25°C
Θ
JA
Θ
JB
Θ
JC
TA = 25°C
DDC
130
°C/W
27
°C/W
41
°C/W
769 mW
7.7 mW/
°C
(1)
This thermal data is based on assembly of the device on a JEDEC high K board. Exceeding the maximum junction temperature will
force the device into thermal shutdown.
MIN
NOM
MAX UNIT
Supply voltage at VBAT, VI (TPS61070, TPS61071, TPS61072)
0.9
5.5
V
Supply voltage at VBAT, VI (TPS61073)
2.3
5.5
V
Operating free air temperature range, TA
-40
85
°C
Operating virtual junction temperature range, TJ
-40
125
°C
2
Submit Documentation Feedback


Similar Part No. - TPS61070_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61070DDC TI-TPS61070DDC Datasheet
487Kb / 21P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070DDC TI1-TPS61070DDC Datasheet
776Kb / 25P
[Old version datasheet]   90PER EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070DDCR TI-TPS61070DDCR Datasheet
487Kb / 21P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070DDCR TI1-TPS61070DDCR Datasheet
776Kb / 25P
[Old version datasheet]   90PER EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070DDCRG4 TI-TPS61070DDCRG4 Datasheet
487Kb / 21P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
More results

Similar Description - TPS61070_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61070 TI-TPS61070 Datasheet
487Kb / 21P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61071-Q1 TI1-TPS61071-Q1 Datasheet
575Kb / 24P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070 TI-TPS61070_15 Datasheet
998Kb / 28P
[Old version datasheet]   TPS6107x 90% Efficient Synchronous Boost Converter With 600-mA Switch
TPS61070TDDCRQ1 TI1-TPS61070TDDCRQ1 Datasheet
776Kb / 25P
[Old version datasheet]   90PER EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI1-TPS61030_17 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61030 TI-TPS61030_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com