Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS61070 Datasheet(PDF) 5 Page - Texas Instruments

Part No. TPS61070
Description  90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TPS61070 Datasheet(HTML) 5 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
www.ti.com
Gate
Control
GND
Regulator
Error
Amplifier
Control Logic
Oscillator
Temperature
Control
VOUT
FB
SW
VBAT
EN
GND
_
+
Backgate
Control
Vmax
Control
VOUT
5 k
3 pF
_
+
Vref = 0.5 V
GND
5 pF
50 k
160 k
Parameter Measurement Information
SW
C1
Power
Supply
L1
VBAT
VOUT
FB
C2
EN
GND
TPS6107x
ListofComponents:
U1= TPS61070DDC
L1=4.7µHWurthElektronik744031004
C1=2x4.7 µF,0603,X7R/X5RCeramic
C2=4x4.7 µF,0603,X7R/X5RCeramic
VCC
BoostOutput
R1
R2
TPS61070, TPS61071
TPS61072, TPS61073
SLVS510B – JULY 2006 – REVISED MAY 2007
FUNCTIONAL BLOCK DIAGRAM (TPS61070)
5
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn