Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTD7N60C3S Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # HGTD7N60C3S
Description  14A, 600V, UFS Series N-Channel IGBTs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGTD7N60C3S Datasheet(HTML) 4 Page - Fairchild Semiconductor

  HGTD7N60C3S Datasheet HTML 1Page - Fairchild Semiconductor HGTD7N60C3S Datasheet HTML 2Page - Fairchild Semiconductor HGTD7N60C3S Datasheet HTML 3Page - Fairchild Semiconductor HGTD7N60C3S Datasheet HTML 4Page - Fairchild Semiconductor HGTD7N60C3S Datasheet HTML 5Page - Fairchild Semiconductor HGTD7N60C3S Datasheet HTML 6Page - Fairchild Semiconductor HGTD7N60C3S Datasheet HTML 7Page - Fairchild Semiconductor HGTD7N60C3S Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©2001 Fairchild Semiconductor Corporation
HGTD7N60C3S, HGTP7N60C3 Rev. B
FIGURE 5. MAXIMUM DC COLLECTOR CURRENT vs CASE
TEMPERATURE
FIGURE 6. SHORT CIRCUIT WITHSTAND TIME
FIGURE 7. TURN-ON DELAY TIME vs COLLECTOR TO
EMITTER CURRENT
FIGURE 8. TURN-OFF DELAY TIME vs COLLECTOR TO
EMITTER CURRENT
FIGURE 9. TURN-ON RISE TIME vs COLLECTOR TO
EMITTER CURRENT
FIGURE 10. TURN-OFF FALL TIME vs COLLECTOR TO
EMITTER CURRENT
Typical Performance Curves (Continued)
25
50
75
100
125
150
0
3
6
9
12
15
TC, CASE TEMPERATURE (
oC)
VGE = 15V
60
80
120
10
11
12
VGE, GATE TO EMITTER VOLTAGE (V)
14
15
13
140
100
40
ISC
tSC
10
12
VCE = 360V, RG = 50Ω, TJ = 125
oC
4
6
8
2
10
20
30
2
5
11
14
ICE, COLLECTOR TO EMITTER CURRENT (A)
50
17
20
40
VGE = 10V
VGE = 15V
TJ = 150
oC, R
G = 50Ω, L = 1mH, VCE(PK) = 480V
8
5
ICE, COLLECTOR TO EMITTER CURRENT (A)
400
350
250
200
2
8
11
14
17
20
TJ = 150
oC, R
G = 50Ω, L = 1mH, VCE(PK) = 480V
VGE = 10V OR 15V
300
5
500
450
ICE, COLLECTOR TO EMITTER CURRENT (A)
5
10
100
VGE = 15V
VGE = 10V
200
2
8
11
14
17
20
5
TJ = 150
oC, R
G = 50Ω, L = 1mH, VCE(PK) = 480V
ICE, COLLECTOR TO EMITTER CURRENT (A)
100
200
300
150
2
8
11
14
17
20
5
TJ = 150
oC, R
G = 50Ω, L = 1mH, VCE(PK) = 480V
250
VGE = 10V or 15V
HGTD7N60C3S, HGTP7N60C3


Similar Part No. - HGTD7N60C3S

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HGTD7N60C3S HARRIS-HGTD7N60C3S Datasheet
153Kb / 6P
   14A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGTD7N60C3S INTERSIL-HGTD7N60C3S Datasheet
144Kb / 7P
   14A, 600V, UFS Series N-Channel IGBTs
January 2000
More results

Similar Description - HGTD7N60C3S

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HGTD7N60C3 HARRIS-HGTD7N60C3 Datasheet
153Kb / 6P
   14A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGTD7N60B3S INTERSIL-HGTD7N60B3S Datasheet
92Kb / 7P
   14A, 600V, UFS Series N-Channel IGBTs
January 2000
HGTD7N60C3S INTERSIL-HGTD7N60C3S Datasheet
144Kb / 7P
   14A, 600V, UFS Series N-Channel IGBTs
January 2000
HGT1S20N60B3S INTERSIL-HGT1S20N60B3S Datasheet
138Kb / 6P
   40A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Harris Corporation
HGTD3N60C3 HARRIS-HGTD3N60C3 Datasheet
227Kb / 9P
   6A, 600V, UFS Series N-Channel IGBTs
logo
Fairchild Semiconductor
HGT1S20N60B3S FAIRCHILD-HGT1S20N60B3S Datasheet
138Kb / 6P
   40A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGTD3N60C3S INTERSIL-HGTD3N60C3S Datasheet
243Kb / 6P
   6A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Fairchild Semiconductor
HGTG12N60B3 FAIRCHILD-HGTG12N60B3 Datasheet
247Kb / 8P
   27A, 600V, UFS Series N-Channel IGBTs
HGTP12N60C3 FAIRCHILD-HGTP12N60C3 Datasheet
131Kb / 7P
   24A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGTP7N60B3D INTERSIL-HGTP7N60B3D Datasheet
94Kb / 7P
   14A, 600V, UFS Series N-Channel IGBTs with Anti-Parallel Hyperfast Diode
January 2000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com