Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61050 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61050
Description  1.2-A HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH I2C COMPATIBLE INTERFACE
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61050 Datasheet(HTML) 1 Page - Texas Instruments

  TPS61050 Datasheet HTML 1Page - Texas Instruments TPS61050 Datasheet HTML 2Page - Texas Instruments TPS61050 Datasheet HTML 3Page - Texas Instruments TPS61050 Datasheet HTML 4Page - Texas Instruments TPS61050 Datasheet HTML 5Page - Texas Instruments TPS61050 Datasheet HTML 6Page - Texas Instruments TPS61050 Datasheet HTML 7Page - Texas Instruments TPS61050 Datasheet HTML 8Page - Texas Instruments TPS61050 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
CSP-12
QFN-10
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
VOUT
AVIN
SW
C
IN
SW
LED
PGND
PGND
P
P
P
AGND
GPIO
SDA
SCL
I2CI/F
FLASH_SYNC
L
P
TPS61050
2.2 H
m
C
10 F
OUT
m
+BATTERY
LED ANODE
PGND
INDUCTOR
C1
L1
C2
LED
SENSE
4.7mm
PGND
TPS61050
TPS61052
SLUS525 – MARCH 2007
1.2-A HIGH POWER WHITE LED DRIVER
2-MHz SYNCHRONOUS BOOST CONVERTER WITH I2C COMPATIBLE INTERFACE
• Four Operational Modes
The TPS6105x device is based on a high-frequency
synchronous-boost topology with constant current
Torch and Flash up to ILED = 1200 mA
sink to drive single white LEDs. The device uses an
Voltage-Regulated Boost Converter:
inductive fixed-frequency PWM control scheme using
4.5/5.0/5.25 V
small external components, minimizing input ripple
Shutdown: 0.3
µA (typ)
current.
• Total Solution Circuit Area < 25 mm2
The 2-MHz switching frequency allows the use of
• Up to 96% Efficiency
small and low profile 2.2-
µH inductors. To optimize
overall efficiency, the device operates with only a
• I2C-Compatible Interface up to 400 kbps
250 mV LED feedback voltage.
• Integrated LED Turn-On Safety Timer
The TPS6105x device not only operates as a
• Zero Latency TX-Masking Input (TPS61050)
regulated current source, but also as a standard
• Hardware Voltage Mode Selection Input
voltage-boost regulator. This additional operating
(TPS61052)
mode can be useful to supply other high-power
• Integrated ADC for LED V
F Monitoring
devices in the system, such as a hands-free audio
power amplifier, or any other component requiring a
• Integrated Low Light Dimming Mode
supply voltage higher than the battery voltage (refer
• LED Disconnect During Shutdown
to TPS61052).
• Open/Shorted LED Protection
For highest flexibility, the LED current or the desired
• Over-Temperature Protection
output voltage can be programmed via an I2C
• Available in a 12-Pin NanoFree™ (CSP) and
compatible
interface.
To
simplify
flash
synchronization with the camera module, the device
10-Pin QFN Packaging
offers a trigger pin (FLASH_SYNC) for fast LED
turn-on time.
• Camera White LED Torch/Flash for Cell
When the TPS6105x is not in use, it can be put into
Phones, Smart-Phones and PDAs
shutdown mode via the I2C-compatible interface,
reducing the input current to 0.3
µA (typ). During
• Audio Amplifier Power Supply
shutdown, the LED pin is high impedance to avoid
leakage current through the LED.
Figure 1. Typical Application
Figure 2. Typical PC-Board Layout
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoFree, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS61050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61050DRCR TI1-TPS61050DRCR Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
TPS61050DRCT TI1-TPS61050DRCT Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
TPS61050YZGR TI1-TPS61050YZGR Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
TPS61050YZGT TI1-TPS61050YZGT Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
TPS61050 TI1-TPS61050_15 Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
More results

Similar Description - TPS61050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61054 TI-TPS61054 Datasheet
810Kb / 24P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61054 TI-TPS61054_08 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61054 TI1-TPS61054_15 Datasheet
1Mb / 30P
[Old version datasheet]   High-Power White LED Driver 2-mHz Synchronous Boost Converter
TPS61050 TI1-TPS61050_15 Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
   1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
   White LED Driver with Synchronous Boost Converter
logo
Texas Instruments
LM27966 TI1-LM27966 Datasheet
927Kb / 20P
[Old version datasheet]   LM27966 White LED Driver with I2C Compatible Interface
logo
STMicroelectronics
STCF03 STMICROELECTRONICS-STCF03 Datasheet
532Kb / 35P
   High power white LED driver with I2C??interface
logo
Texas Instruments
TPS61058 TI-TPS61058 Datasheet
1Mb / 30P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH DOWN MODE HIGH POWER WHITE LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com