Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS60250 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60250
Description  HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60250 Datasheet(HTML) 4 Page - Texas Instruments

  TPS60250 Datasheet HTML 1Page - Texas Instruments TPS60250 Datasheet HTML 2Page - Texas Instruments TPS60250 Datasheet HTML 3Page - Texas Instruments TPS60250 Datasheet HTML 4Page - Texas Instruments TPS60250 Datasheet HTML 5Page - Texas Instruments TPS60250 Datasheet HTML 6Page - Texas Instruments TPS60250 Datasheet HTML 7Page - Texas Instruments TPS60250 Datasheet HTML 8Page - Texas Instruments TPS60250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
www.ti.com
PIN ASSIGNMENTS
C1-
C2+
C2-
C1+
DM1
DM3
DM4
GND
DM2
VOUT VIN SCLK SDAT
DM5
DS 2
DS1
1
2
9
10
12
11
7
8
6
5
3
4
13
14
15
16
QFN16-PINRTE
3mmX3mm
(TOP VIEW)
TPS60250
SLVS769 – APRIL 2007
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Connect the anodes of the sub, main, and aux display white LEDs to this pin. Bypass decouple VOUT to
VOUT
1
O
GND with a 4.7-
µF or greater ceramic capacitor.
Supply voltage input. Connect to a 3-V to 6-V input supply source. Bypass VIN to GND with a 1-
µF or
VIN
2
I
greater ceramic capacitor.
SCLK
3
I
I2C Interface
SDAT
4
I/O
I2C Interface
DM5
5
I
Current sink input. Connect the cathode of the aux display or the 5th main display white LED to this pin.
DS1
6
I
Current sink input. Connect the cathode of one of the sub display white LEDs to this pin.
DS2
7
I
DM1
8
I
DM2
9
I
Current sink input. Connect the cathode of one of the main display white LED to this pin.
DM3
10
I
DM4
11
I
GND
12
Ground
C1–
13
Connect to the flying capacitor C1
C2+
14
Connect to the flying capacitor C2
C2–
15
Connect to the flying capacitor C2
C1+
16
Connect to the flying capacitor C1
4
Submit Documentation Feedback


Similar Part No. - TPS60250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60250 TI-TPS60250 Datasheet
890Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250 TI1-TPS60250 Datasheet
893Kb / 26P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250RTE TI-TPS60250RTE Datasheet
890Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250RTER TI-TPS60250RTER Datasheet
890Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250RTER TI1-TPS60250RTER Datasheet
893Kb / 26P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
More results

Similar Description - TPS60250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60251 TI-TPS60251 Datasheet
644Kb / 28P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250 TI1-TPS60250_14 Datasheet
893Kb / 26P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250 TI-TPS60250_08 Datasheet
890Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60255 TI1-TPS60255 Datasheet
720Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs DRIVER WITH 1 WIRE INTERFACE
logo
Analog Devices
ADP8861 AD-ADP8861 Datasheet
702Kb / 40P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
ADP8860 AD-ADP8860 Datasheet
997Kb / 52P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
logo
ON Semiconductor
NCP5603 ONSEMI-NCP5603 Datasheet
128Kb / 13P
   High Efficiency Charge Pump Converter
November, 2005 ??Rev. 1
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
   High Efficiency 2X charge Pump
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119 Datasheet
481Kb / 16P
   High Efficiency 2X Charge Pump
AAT3119 ANALOGICTECH-AAT3119_07 Datasheet
529Kb / 18P
   High Efficiency 2X Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com