Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS5450DDAR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5450DDAR
Description  5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5450DDAR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS5450DDAR Datasheet HTML 5Page - Texas Instruments TPS5450DDAR Datasheet HTML 6Page - Texas Instruments TPS5450DDAR Datasheet HTML 7Page - Texas Instruments TPS5450DDAR Datasheet HTML 8Page - Texas Instruments TPS5450DDAR Datasheet HTML 9Page - Texas Instruments TPS5450DDAR Datasheet HTML 10Page - Texas Instruments TPS5450DDAR Datasheet HTML 11Page - Texas Instruments TPS5450DDAR Datasheet HTML 12Page - Texas Instruments TPS5450DDAR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
www.ti.com
Overvoltage Protection
Thermal Shutdown
PCB Layout
TPS5450
SLVS757 – MARCH 2007
APPLICATION INFORMATION (continued)
Sometimes under serious overload conditions such as short-circuit, the overcurrent runaway may still happen
when using cycle-by-cycle current limiting. A second mode of current limiting is used, i.e. hiccup mode
overcurrent limiting. During hiccup mode overcurrent limiting, the voltage reference is grounded and the
high-side MOSFET is turned off for the hiccup time. Once the hiccup time duration is complete, the regulator
restarts under control of the slow start circuit.
The TPS5450 has an overvoltage protection (OVP) circuit to minimize voltage overshoot when recovering from
output fault conditions. The OVP circuit includes an overvoltage comparator to compare the VSENSE pin voltage
and a threshold of 112.5% x VREF. Once the VSENSE pin voltage is higher than the threshold, the high-side
MOSFET will be forced off. When the VSENSE pin voltage drops lower than the threshold, the high-side
MOSFET will be enabled again.
The TPS5450 protects itself from overheating with an internal thermal shutdown circuit. If the junction
temperature exceeds the thermal shutdown trip point, the voltage reference is grounded and the high-side
MOSFET is turned off. The part is restarted under control of the slow start circuit automatically when the junction
temperature drops 14
°C below the thermal shutdown trip point.
Connect a low ESR ceramic bypass capacitor to the VIN pin. Care should be taken to minimize the loop area
formed by the bypass capacitor connections, the VIN pin, and the TPS5450 ground pin. The best way to do this
is to extend the top side ground area from under the device adjacent to the VIN trace, and place the bypass
capacitor as close as possible to the VIN pin. The minimum recommended bypass capacitance is 4.7
µF
ceramic with a X5R or X7R dielectric.
There should be a ground area on the top layer directly underneath the IC, with an exposed area for connection
to the PowerPAD. Use vias to connect this ground area to any internal ground planes. Use additional vias at the
ground side of the input and output filter capacitors as well. The GND pin should be tied to the PCB ground by
connecting it to the ground area under the device as shown below.
The PH pin should be routed to the output inductor, catch diode and boot capacitor. Since the PH connection is
the switching node, the inductor should be located very close to the PH pin and the area of the PCB conductor
minimized to prevent excessive capacitive coupling. The catch diode should also be placed close to the device
to minimize the output current loop area. Connect the boot capacitor between the phase node and the BOOT pin
as shown. Keep the boot capacitor close to the IC and minimize the conductor trace lengths. The component
placements and connections shown work well, but other connection routings may also be effective.
Connect the output filter capacitor(s) as shown between the VOUT trace and GND. It is important to keep the
loop formed by the PH pin, Lout, Cout and GND as small as is practical.
Connect the VOUT trace to the VSENSE pin using the resistor divider network to set the output voltage. Do not
route this trace too close to the PH trace. Due to the size of the IC package and the device pin-out, the trace
may need to be routed under the output capacitor. Alternately, the routing may be done on an alternate layer if a
trace under the output capacitor is not desired.
If using the grounding scheme shown in Figure 9, use a via connection to a different layer to route to the ENA
pin.
9
Submit Documentation Feedback


Similar Part No. - TPS5450DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5450 TI-TPS5450 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS5450-EP TI1-TPS5450-EP Datasheet
890Kb / 24P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5450-EP TI-TPS5450-EP_15 Datasheet
1Mb / 25P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5450-Q1 TI1-TPS5450-Q1 Datasheet
474Kb / 25P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5450MDDAREP TI1-TPS5450MDDAREP Datasheet
890Kb / 24P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
More results

Similar Description - TPS5450DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5450-EP TI1-TPS5450-EP Datasheet
890Kb / 24P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5450-Q1 TI1-TPS5450-Q1 Datasheet
474Kb / 25P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5450-EP TI-TPS5450-EP_15 Datasheet
1Mb / 25P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5410-EP TI-TPS5410-EP Datasheet
768Kb / 24P
[Old version datasheet]   1-A WIDE INPUT RANGE STEP-DOWN SWIFT CONVERTER
TPS5420-EP TI-TPS5420-EP Datasheet
647Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5420-Q1 TI1-TPS5420-Q1 Datasheet
565Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5410 TI-TPS5410 Datasheet
600Kb / 4P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5420 TI-TPS5420 Datasheet
464Kb / 20P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5430-EP TI1-TPS5430-EP Datasheet
914Kb / 28P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5431 TI1-TPS5431 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com