Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6130A2RTJTG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6130A2RTJTG4
Description  138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6130A2RTJTG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPA6130A2RTJTG4 Datasheet HTML 1Page - Texas Instruments TPA6130A2RTJTG4 Datasheet HTML 2Page - Texas Instruments TPA6130A2RTJTG4 Datasheet HTML 3Page - Texas Instruments TPA6130A2RTJTG4 Datasheet HTML 4Page - Texas Instruments TPA6130A2RTJTG4 Datasheet HTML 5Page - Texas Instruments TPA6130A2RTJTG4 Datasheet HTML 6Page - Texas Instruments TPA6130A2RTJTG4 Datasheet HTML 7Page - Texas Instruments TPA6130A2RTJTG4 Datasheet HTML 8Page - Texas Instruments TPA6130A2RTJTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
www.ti.com
VDD
GND
CPP
CPN
LEFTINM
LEFTINP
CPVSS
HPLEFT
RIGHTINM
RIGHTINP
GND
VDD
SD
SDA
SCL
HPRIGHT
A1
A2
A3
A4
B1
B2
B3
B4
C1
C2
C3
C4
D1
D2
D3
D4
Top(SymbolSide)ViewWCSP Package(YZH)
VDD
GND
CPP
CPN
LEFTINM
LEFTINP
CPVSS
HPLEFT
RIGHTINM RIGHTINP
GND
VDD
SD
SDA
SCL
HPRIGHT
A1
A2
A3
A4
B1
B2
B3
B4
C1
C2
C3
C4
D1
D2
D3
D4
Bottom(BallSide)ViewWCSP Package(YZH)
1
2
4
5
15
14
12
11
17
18
19
20
9
8
7
6
CPVSS
HPLEFT
HPRIGHT
RIGHTINP
LEFTINM
LEFTINP
RIGHTINM
T opView
VDD
3
GND
10
13
GND
16
TopViewQFNPackage(RTJ)
TPA6130A2
SLOS488A – NOVEMBER 2006 – REVISED DECEMBER 2006
TERMINAL FUNCTIONS
TERMINAL
INPUT/
OUTPUT/
DESCRIPTION
BALL
POWER
NAME
PIN QFN
WCSP
(I/O/P)
Charge pump voltage supply. VDD must be connected to the common VDD voltage
VDD
A4
20
P
supply. Decouple to GND (pin 19 on the QFN) with its own 1
µF capacitor.
Charge pump ground. GND must be connected to common supply GND. It is
GND
A3
19
P
recommended that this pin be decoupled to the VDD of the charge pump pin (pin 20 on
the QFN).
Charge pump flying capacitor positive terminal. Connect one side of the flying capacitor
CPP
A2
18
P
to CPP.
Charge pump flying capacitor negative terminal. Connect one side of the flying capacitor
CPN
A1
17
P
to CPN.
Left channel negative differential input. Impedance must be matched to LEFTINP.
LEFTINM
B4
1
I
Connect the left input to LEFTINM when using single-ended inputs.
Left channel positive differential input. Impedance must be matched to LEFTINM. AC
LEFTINP
B3
2
I
ground LEFTINP near signal source while maintaining matched impedance to LEFTINM
when using single-ended inputs.
Negative supply generated by the charge pump. Decouple to pin 19 on the QFN or a
CPVSS
B2
15, 16
P
GND plane. Use a 1
µF capacitor.
HPLEFT
B1
14
O
Headphone left channel output. Connect to left terminal of headphone jack.
Right channel negative differential input. Impedance must be matched to RIGHTINP.
RIGHTINM
C4
5
I
Connect the right input to RIGHTINM when using single-ended inputs.
Right channel positive differential input. Impedance must be matched to RIGHTINM. AC
RIGHTINP
C3
4
I
ground RIGHTINP near signal source while maintaining matched impedance to
RIGHTINM when using single-ended inputs.
Analog ground. Must be connected to common supply GND. It is recommended that this
3, 9, 10,
GND
C2
P
pin be used to decouple VDD for analog. Use pin 13 to decouple pin 12 on the QFN
13
package.
Analog VDD. VDD must be connected to common VDD supply. Decouple with its own
VDD
C1
12
P
1-
µF capacitor to analog ground (pin 13 on the QFN).
SD
D4
6
I
Shutdown. Active low logic. 5V tolerant input.
SDA
D3
7
I/O
SDA - I2C Data. 5V tolerant input.
SCL
D2
8
I
SCL - I2C Clock. 5V tolerant input.
HPRIGHT
D1
11
O
Headphone light channel output. Connect to the right terminal of the headphone jack.
Thermal
Solder the thermal pad on the bottom of the QFN package to the GND plane of the
N/A
Die Pad
P
pad
PCB. It is required for mechanical stability and will enhance thermal performance.
3


Similar Part No. - TPA6130A2RTJTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6130A2RTJTG4 TI1-TPA6130A2RTJTG4 Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
TPA6130A2RTJTG4 TI1-TPA6130A2RTJTG4 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
More results

Similar Description - TPA6130A2RTJTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
TPA6130A2 TI-TPA6130A2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA6130A2 138-mW DIRECTPATH??Stereo Headphone Amplifier with I2C Volume Control
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com