Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5945RHBT Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC5945RHBT
Description  16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5945RHBT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC5945RHBT Datasheet HTML 3Page - Texas Instruments TLC5945RHBT Datasheet HTML 4Page - Texas Instruments TLC5945RHBT Datasheet HTML 5Page - Texas Instruments TLC5945RHBT Datasheet HTML 6Page - Texas Instruments TLC5945RHBT Datasheet HTML 7Page - Texas Instruments TLC5945RHBT Datasheet HTML 8Page - Texas Instruments TLC5945RHBT Datasheet HTML 9Page - Texas Instruments TLC5945RHBT Datasheet HTML 10Page - Texas Instruments TLC5945RHBT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
www.ti.com
TLC5945
SLVS755 – MARCH 2007
DEVICE INFORMATION (continued)
TERMINAL FUNCTION (continued)
TERMINAL
I/O
DESCRIPTION
NAME
PWP
RHB
SOUT
24
23
O
Serial data output
TEST
26
25
I
Test pin: TEST must be connected to VCC.
VCC
28
27
I
Power supply voltage.
Input mode-change pin. When MODE = GND, the device is in GS mode. When MODE =
MODE
6
3
I
VCC, the device is in DC mode.
XERR
23
22
O
Error output. XERR is an open-drain terminal. XERR goes L when LOD or TEF is detected.
Level triggered latch signal. When XLAT = high, the TLC5945 writes data from the input shift
XLAT
3
32
I
register to either GS register (MODE = low) or DC register (MODE = high). When XLAT=low,
the data in the GS or DC registers is held constant and does not change.
7
Submit Documentation Feedback


Similar Part No. - TLC5945RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5945RHBR TI1-TLC5945RHBR Datasheet
1Mb / 30P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
More results

Similar Description - TLC5945RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5941 TI-TLC5941 Datasheet
513Kb / 23P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_16 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945 TI1-TLC5945_16 Datasheet
1Mb / 30P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC59401 TI-TLC59401 Datasheet
930Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_17 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940-EP TI1-TLC5940-EP Datasheet
1Mb / 33P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941-Q1 TI-TLC5941-Q1 Datasheet
827Kb / 27P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940 TI-TLC5940 Datasheet
1Mb / 29P
[Old version datasheet]   16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112 Datasheet
116Kb / 2P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com