Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLC5945 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part No. TLC5945
Description  16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TLC5945 Datasheet(HTML) 10 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
www.ti.com
Typical Characteristics
TA − Free-Air Temperature − C
0
1000
2000
3000
4000
−40
−20
0
20
40
60
80
TLC5945PWP
PowerPADSoldered
TLC5945RHB
TLC5945PWP
PowerPADUnsoldered
100
0
10
20
30
40
50
60
70
80
1k
10k
3.84k
1.92k
1.28k
0.96k
0.79k
0.64k
0.55k
0.48k
IO(LC) − OutputCurrent − mA
0
10
20
30
40
50
60
70
80
90
100
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.61.8 2 2.2 2.4 2.6 2.8 3
IMAX = 60 mA
IMAX = 30 mA
IMAX = 5 mA
VO − Output Voltage − V
TLC5945
SLVS755 – MARCH 2007
REFERENCE RESISTOR
POWER DISSIPATION RATE
vs
vs
OUTPUT CURRENT
FREE-AIR TEMPERATURE
Figure 3.
Figure 4.
OUTPUT CURRENT
vs
OUTPUT VOLTAGE
Figure 5.
10
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn