Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLC5945 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part No. TLC5945
Description  16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TLC5945 Datasheet(HTML) 8 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
PIN EQUIVALENT INPUT AND OUTPUT SCHEMATIC DIAGRAMS
VCC
INPUT
GND
400 W
INPUT EQUIVALENT CIRCUIT
(BLANK, XLAT, SCLK, SIN, GSCLK, TEST)
23 W
23 W
SOUT
GND
OUTPUT EQUIVALENT CIRCUIT (SOUT)
_
+
Amp
400 W
100 W
VCC
INPUT
GND
INPUT EQUIVALENT CIRCUIT (IREF)
XERR
GND
OUTPUT EQUIVALENT CIRCUIT (XERR)
23 W
INPUT
GND
INPUT EQUIVALENT CIRCUIT (VCC)
OUT
GND
OUTPUT EQUIVALENT CIRCUIT (OUT)
INPUT
GND
INPUT EQUIVALENT CIRCUIT (MODE)
TLC5945
SLVS755 – MARCH 2007
Resistor values are equivalent resistance and not tested.
Figure 1. Input and Output Equivalent Circuits
8
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn