Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTP7N60C3D Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # HGTP7N60C3D
Description  14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGTP7N60C3D Datasheet(HTML) 7 Page - Fairchild Semiconductor

  HGTP7N60C3D Datasheet HTML 1Page - Fairchild Semiconductor HGTP7N60C3D Datasheet HTML 2Page - Fairchild Semiconductor HGTP7N60C3D Datasheet HTML 3Page - Fairchild Semiconductor HGTP7N60C3D Datasheet HTML 4Page - Fairchild Semiconductor HGTP7N60C3D Datasheet HTML 5Page - Fairchild Semiconductor HGTP7N60C3D Datasheet HTML 6Page - Fairchild Semiconductor HGTP7N60C3D Datasheet HTML 7Page - Fairchild Semiconductor HGTP7N60C3D Datasheet HTML 8Page - Fairchild Semiconductor HGTP7N60C3D Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HGTP7N60C3D, HGT1S7N60C3DS, HGT1S7N60C3D
Rev. B
www.fairchildsemi.com
7
Typical Performance Curves
Figure 18. DIODE FORWARD CURRENT vs
FORWARD VOLTAGE DROP
Figure 19. RECOVERY TIMES vs FORWARD
CURRENT
Test Circuit and Waveforms
Figure 20. INDUCTIVE SWITCHING TEST
CIRCUIT
Figure 21. SWITCHING TEST WAVEFORMS
25oC
175oC
100oC
0.5
1.0
1.5
2.5
3.0
VEC, FORWARD VOLTAGE (V)
0
2.0
1.0
0.5
10
30
tb
ta
trr
30
20
10
0
IEC, FORWARD CURRENT (A)
TC = 25oC, dIEC/dt = 200A/µs
0.5
7
13
25
15
5
RG = 50Ω
L = 1mH
VDD = 480V
+
-
RHRD660
tfI
td(OFF)I
trI
td(ON)I
10%
90%
10%
90%
VCE
ICE
VGE
EOFF
EON


Similar Part No. - HGTP7N60C3D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTP7N60C3D FAIRCHILD-HGTP7N60C3D Datasheet
197Kb / 7P
   14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
logo
Intersil Corporation
HGTP7N60C3D INTERSIL-HGTP7N60C3D Datasheet
176Kb / 7P
   14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
logo
Fairchild Semiconductor
HGTP7N60C3D FAIRCHILD-HGTP7N60C3D Datasheet
566Kb / 9P
   14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
More results

Similar Description - HGTP7N60C3D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGT1S7N60C3DS9A FAIRCHILD-HGT1S7N60C3DS9A Datasheet
566Kb / 9P
   14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
HGTP7N60C3D FAIRCHILD-HGTP7N60C3D Datasheet
197Kb / 7P
   14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
logo
Intersil Corporation
HGTP7N60C3D INTERSIL-HGTP7N60C3D Datasheet
176Kb / 7P
   14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
logo
Fairchild Semiconductor
HGT1Y40N60B3D FAIRCHILD-HGT1Y40N60B3D Datasheet
132Kb / 9P
   70A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
HGTG30N60C3D FAIRCHILD-HGTG30N60C3D_V01 Datasheet
299Kb / 9P
   63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2009
HGTG30N60C3D FAIRCHILD-HGTG30N60C3D Datasheet
144Kb / 8P
   63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
logo
Intersil Corporation
HGTG30N60C3D INTERSIL-HGTG30N60C3D Datasheet
116Kb / 7P
   63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
HGTP12N60C3D INTERSIL-HGTP12N60C3D Datasheet
99Kb / 7P
   24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
HGTP3N60C3D INTERSIL-HGTP3N60C3D Datasheet
273Kb / 7P
   6A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
logo
Fairchild Semiconductor
HGTP12N60C3D FAIRCHILD-HGTP12N60C3D Datasheet
154Kb / 8P
   24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com