Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGT1S7N60A4DS Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # HGT1S7N60A4DS
Description  600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGT1S7N60A4DS Datasheet(HTML) 1 Page - Fairchild Semiconductor

  HGT1S7N60A4DS Datasheet HTML 1Page - Fairchild Semiconductor HGT1S7N60A4DS Datasheet HTML 2Page - Fairchild Semiconductor HGT1S7N60A4DS Datasheet HTML 3Page - Fairchild Semiconductor HGT1S7N60A4DS Datasheet HTML 4Page - Fairchild Semiconductor HGT1S7N60A4DS Datasheet HTML 5Page - Fairchild Semiconductor HGT1S7N60A4DS Datasheet HTML 6Page - Fairchild Semiconductor HGT1S7N60A4DS Datasheet HTML 7Page - Fairchild Semiconductor HGT1S7N60A4DS Datasheet HTML 8Page - Fairchild Semiconductor HGT1S7N60A4DS Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2005 Fairchild Semiconductor Corporation
HGTG7N60A4D, HGTP7N60A4D, HGT1S7N60A4DS Rev. B1
HGTG7N60A4D, HGTP7N60A4D,
HGT1S7N60A4DS
600V, SMPS Series N-Channel IGBT with
Anti-Parallel Hyperfast Diode
The HGTG7N60A4D, HGTP7N60A4D and
HGT1S7N60A4DS are MOS gated high voltage switching
devices combining the best features of MOSFETs and
bipolar transistors. These devices have the high input
impedance of a MOSFET and the low on-state conduction
loss of a bipolar transistor. The much lower on-state voltage
drop varies only moderately between 25oC and 150oC. The
IGBT used is the development type TA49331. The diode
used in anti-parallel is the development type TA49370.
This IGBT is ideal for many high voltage switching
applications operating at high frequencies where low
conduction losses are essential. This device has been
optimized for high frequency switch mode power
supplies.
Formerly Developmental Type TA49333.
Symbol
Features
• >100kHz Operation At 390V, 7A
• 200kHz Operation At 390V, 5A
• 600V Switching SOA Capability
• Typical Fall Time. . . . . . . . . . . . . . . . . 75ns at TJ = 125
oC
• Low Conduction Loss
• Temperature Compensating SABER™ Model
www.fairchildsemi.com
Packaging
JEDEC STYLE TO-247
JEDEC TO-220AB
JEDEC TO-263AB
Ordering Information
PART NUMBER
PACKAGE
BRAND
HGTG7N60A4D
TO-247
G7N60A4D
HGTP7N60A4D
TO-220AB
G7N60A4D
HGT1S7N60A4DS
TO-263AB
G7N60A4D
NOTE: When ordering, use the entire part number. Add the suffix 9A
to obtain the TO-263AB variant in tape and reel, e.g.,
HGT1S7N60A4DS9A.
C
E
G
COLLECTOR
(FLANGE)
C
E
G
COLLECTOR
(FLANGE)
C
E
G
COLLECTOR
(FLANGE)
G
E
FAIRCHILD SEMICONDUCTOR IGBT PRODUCT IS COVERED BY ONE OR MORE OF THE FOLLOWING U.S. PATENTS
4,364,073
4,417,385
4,430,792
4,443,931
4,466,176
4,516,143
4,532,534
4,587,713
4,598,461
4,605,948
4,620,211
4,631,564
4,639,754
4,639,762
4,641,162
4,644,637
4,682,195
4,684,413
4,694,313
4,717,679
4,743,952
4,783,690
4,794,432
4,801,986
4,803,533
4,809,045
4,809,047
4,810,665
4,823,176
4,837,606
4,860,080
4,883,767
4,888,627
4,890,143
4,901,127
4,904,609
4,933,740
4,963,951
4,969,027
Data Sheet
January 2005


Similar Part No. - HGT1S7N60A4DS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGT1S7N60A4DS FAIRCHILD-HGT1S7N60A4DS Datasheet
143Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGT1S7N60A4DS INTERSIL-HGT1S7N60A4DS Datasheet
134Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
March 2000
More results

Similar Description - HGT1S7N60A4DS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGT5A40N60A4D INTERSIL-HGT5A40N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
February 2000
HGTG30N60A4D INTERSIL-HGTG30N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGT1N30N60A4D FAIRCHILD-HGT1N30N60A4D Datasheet
144Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGT1S3N60A4DS INTERSIL-HGT1S3N60A4DS Datasheet
130Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N60A4D INTERSIL-HGTG20N60A4D Datasheet
351Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1999
logo
Fairchild Semiconductor
HGTG20N60A4D FAIRCHILD-HGTG20N60A4D Datasheet
204Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGT1N40N60A4D FAIRCHILD-HGT1N40N60A4D Datasheet
152Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG7N60A4D FAIRCHILD-HGTG7N60A4D Datasheet
143Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG12N60A4D INTERSIL-HGTG12N60A4D Datasheet
394Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
November 1999
HGTG7N60A4D INTERSIL-HGTG7N60A4D Datasheet
134Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
March 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com