Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGT1S7N60A4DS Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # HGT1S7N60A4DS
Description  600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGT1S7N60A4DS Datasheet(HTML) 5 Page - Fairchild Semiconductor

  HGT1S7N60A4DS Datasheet HTML 1Page - Fairchild Semiconductor HGT1S7N60A4DS Datasheet HTML 2Page - Fairchild Semiconductor HGT1S7N60A4DS Datasheet HTML 3Page - Fairchild Semiconductor HGT1S7N60A4DS Datasheet HTML 4Page - Fairchild Semiconductor HGT1S7N60A4DS Datasheet HTML 5Page - Fairchild Semiconductor HGT1S7N60A4DS Datasheet HTML 6Page - Fairchild Semiconductor HGT1S7N60A4DS Datasheet HTML 7Page - Fairchild Semiconductor HGT1S7N60A4DS Datasheet HTML 8Page - Fairchild Semiconductor HGT1S7N60A4DS Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©2005 Fairchild Semiconductor Corporation
HGTG7N60A4D, HGTP7N60A4D, HGT1S7N60A4DS Rev. B1
FIGURE 11. TURN-OFF DELAY TIME vs COLLECTOR TO
EMITTER CURRENT
FIGURE 12. FALL TIME vs COLLECTOR TO EMITTER
CURRENT
FIGURE 13. TRANSFER CHARACTERISTIC
FIGURE 14. GATE CHARGE WAVEFORMS
FIGURE 15. TOTAL SWITCHING LOSS vs CASE
TEMPERATURE
FIGURE 16. TOTAL SWITCHING LOSS vs GATE RESISTANCE
Typical Performance Curves Unless Otherwise Specified (Continued)
100
60
80
ICE, COLLECTOR TO EMITTER CURRENT (A)
180
140
160
120
VGE = 15V, TJ = 125
oC
RG = 25Ω, L = 1mH, VCE = 390V
4
26
8
10
12
14
0
VGE = 12V, TJ = 125
oC
VGE = 15V, TJ = 25
oC
VGE = 12V, TJ = 25
oC
ICE, COLLECTOR TO EMITTER CURRENT (A)
20
40
30
60
80
50
70
RG = 25Ω, L = 1mH, VCE = 390V
90
TJ = 125
oC, V
GE = 12V OR 15V
TJ = 25
oC, V
GE = 12V OR 15V
4
26
8
10
12
14
0
0
40
60
8
9
11
12
15
VGE, GATE TO EMITTER VOLTAGE (V)
14
80
100
120
7
PULSE DURATION = 250
µs
DUTY CYCLE < 0.5%, VCE = 10V
TJ = 125
oC
TJ = -55
oC
TJ = 25
oC
20
13
10
QG, GATE CHARGE (nC)
0
3
IG(REF) = 1mA, RL = 43Ω, TJ = 25
oC
VCE = 200V
VCE = 400V
6
9
12
15
510
15
20
30
25
35
40
0
VCE = 600V
ICE = 3.5A
0
200
50
75
100
TC, CASE TEMPERATURE (
oC)
400
125
25
150
800
ETOTAL = EON2 + EOFF
RG = 25Ω, L = 1mH, VCE = 390V, VGE = 15V
600
ICE = 14A
ICE = 7A
0.1
100
RG, GATE RESISTANCE (Ω)
1
10
1000
10
TJ = 125
oC, L = 1mH, V
CE = 390V, VGE = 15V
ETOTAL = EON2 + EOFF
ICE = 3.5A
ICE = 7A
ICE = 14A
HGTG7N60A4D, HGTP7N60A4D, HGT1S7N60A4DS


Similar Part No. - HGT1S7N60A4DS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGT1S7N60A4DS FAIRCHILD-HGT1S7N60A4DS Datasheet
143Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGT1S7N60A4DS INTERSIL-HGT1S7N60A4DS Datasheet
134Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
March 2000
More results

Similar Description - HGT1S7N60A4DS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGT5A40N60A4D INTERSIL-HGT5A40N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
February 2000
HGTG30N60A4D INTERSIL-HGTG30N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGT1N30N60A4D FAIRCHILD-HGT1N30N60A4D Datasheet
144Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGT1S3N60A4DS INTERSIL-HGT1S3N60A4DS Datasheet
130Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N60A4D INTERSIL-HGTG20N60A4D Datasheet
351Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1999
logo
Fairchild Semiconductor
HGTG20N60A4D FAIRCHILD-HGTG20N60A4D Datasheet
204Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGT1N40N60A4D FAIRCHILD-HGT1N40N60A4D Datasheet
152Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG7N60A4D FAIRCHILD-HGTG7N60A4D Datasheet
143Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG12N60A4D INTERSIL-HGTG12N60A4D Datasheet
394Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
November 1999
HGTG7N60A4D INTERSIL-HGTG7N60A4D Datasheet
134Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
March 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com