Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11A817 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # H11A817
Description  4-Pin Phototransistor Optocouplers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11A817 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  H11A817 Datasheet HTML 1Page - Fairchild Semiconductor H11A817 Datasheet HTML 2Page - Fairchild Semiconductor H11A817 Datasheet HTML 3Page - Fairchild Semiconductor H11A817 Datasheet HTML 4Page - Fairchild Semiconductor H11A817 Datasheet HTML 5Page - Fairchild Semiconductor H11A817 Datasheet HTML 6Page - Fairchild Semiconductor H11A817 Datasheet HTML 7Page - Fairchild Semiconductor H11A817 Datasheet HTML 8Page - Fairchild Semiconductor H11A817 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
www.fairchildsemi.com
H11AA814 Series, H11A617 Series, H11A817 Series Rev. 1.0.8
Typical Performance Curves
FORWARD VOLTAGE VF (V)
0.5
1.0
1.5
2.0
0.1
1
10
100
-60
-20
-40
0
0.00
0.02
0.04
0.06
0.08
0.10
0.12
20
40
60
80
100
TA - AMBIENT TEMPERATURE (˚C)
Fig. 3 Collector-Emitter Saturation Voltage
vs. Ambient Temperature
Fig. 4 Forward Current vs. Forward Voltage
IF = 20 mA
IC = 1 mA
VCE = 5V
Ta = 25
°C
814
617
817
FORWARD CURRENT IF (mA)
200
180
160
140
120
100
80
60
40
20
0
12
5
10
20
50
Fig. 1 Current Transfer Ratio
vs. Forward Current
AMBIENT TEMPERATURE TA (
°C)
Fig. 2. Relative Current Transfer Ratio
vs. Ambient Temperature
-60
-40
-20
0
20
40
60
80
100
0
20
40
60
80
100
120
140
160
IF = 1mA
VCE = 5V
H11AA814
H11AA617 & H11AA817
75
°C
100
°C
TA =
50
°C
-55
°C
25
°C
0
°C
-30
°C
COLLECTOR-EMITTER VOLTAGE VCE (V)
Fig. 5 Collector Current vs.
Collector-Emitter Voltage (H11AA814)
Ta = 25
°C
I = 30 m A
Pc (Max)
5m A
10mA
1mA
F
20mA
010
20
30
405060708090
100
0
10
20
30
40
50
IF = 5mA
VCE = 5V
Ta = 25
°C
I
IF = 30mA
Pc(MAX.)
5m A
10 mA
20mA
COLLECTOR-EMITTER VOLTAGE VCE (V)
30
25
20
15
10
5
0
0123456789
Fig. 6 Collector Current vs. Collector-Emitter Voltage
(H11AA617 and H11AA817)


Similar Part No. - H11A817

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
H11A817 QT-H11A817 Datasheet
30Kb / 4P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11A817 FAIRCHILD-H11A817 Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11A817.300 FAIRCHILD-H11A817.300 Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11A817.300W FAIRCHILD-H11A817.300W Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11A817.3S FAIRCHILD-H11A817.3S Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - H11A817

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD617 FAIRCHILD-FOD617 Datasheet
578Kb / 12P
   4-Pin Phototransistor Optocouplers
FOD817 FAIRCHILD-FOD817 Datasheet
163Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
H11AA814 QT-H11AA814 Datasheet
30Kb / 4P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AA814 FAIRCHILD-H11AA814 Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
FOD816 FAIRCHILD-FOD816 Datasheet
114Kb / 9P
   4-Pin Phototransistor Optocouplers
logo
ON Semiconductor
FOD814 ONSEMI-FOD814_V02 Datasheet
388Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
September, 2023 - Rev. 9
FOD814 ONSEMI-FOD814_V01 Datasheet
361Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
August, 2021 ??Rev. 7
FOD814 ONSEMI-FOD814 Datasheet
534Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
July-201 8, Rev. 5
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com