Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9014IRCCZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL9014IRCCZ
Description  Dual LDO with Low Noise, Low IQ, and High PSRR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9014IRCCZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL9014IRCCZ Datasheet HTML 3Page - Intersil Corporation ISL9014IRCCZ Datasheet HTML 4Page - Intersil Corporation ISL9014IRCCZ Datasheet HTML 5Page - Intersil Corporation ISL9014IRCCZ Datasheet HTML 6Page - Intersil Corporation ISL9014IRCCZ Datasheet HTML 7Page - Intersil Corporation ISL9014IRCCZ Datasheet HTML 8Page - Intersil Corporation ISL9014IRCCZ Datasheet HTML 9Page - Intersil Corporation ISL9014IRCCZ Datasheet HTML 10Page - Intersil Corporation ISL9014IRCCZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FN9245.2
April 26, 2006
Pin Description
Typical Application
PIN #
PIN
NAME
TYPE
DESCRIPTION
1
VIN
Analog I/O
Supply Voltage/LDO Input:
Connect a 1
μF capacitor to GND.
2
EN1
Low Voltage Compatible
CMOS Input
LDO-1 Enable.
3
EN2
Low Voltage Compatible
CMOS Input
LDO-2 Enable.
4
CBYP
Analog I/O
Reference Bypass Capacitor Pin:
Optionally connect capacitor of value 0.01
μF to 1μF between this pin and GND to tune in the
desired noise and PSRR performance.
5, 7, 8
NC
NC
No Connection
6
GND
Ground
GND is the connection to system ground. Connect to PCB Ground plane.
9VO2
Analog I/O
LDO-2 Output:
Connect capacitor of value 1
μF to 10μF to GND (1µF recommended).
10
VO1
Analog I/O
LDO-1 Output:
Connect capacitor of value 1
μF to 10μF to GND (1µF recommended).
C1, C3, C4: 1
μF X5R ceramic capacitor
C2: 0.1
μF X5R ceramic capacitor
ISL9014
VIN
EN1
EN2
CBYP
NC
VO1
VO2
NC
NC
GND
10
9
8
7
6
1
2
3
4
5
VIN (2.3-6.5V)
Enable 1
Enable 2
Vout 1
Vout 2
C1
C2
C3
C4
OFF
ON
OFF
ON
ISL9014


Similar Part No. - ISL9014IRCCZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9014IRCCZ INTERSIL-ISL9014IRCCZ Datasheet
217Kb / 11P
   Dual LDO with Low Noise, Low IQ and High PSRR
logo
Renesas Technology Corp
ISL9014IRCCZ RENESAS-ISL9014IRCCZ Datasheet
550Kb / 11P
   Dual LDO with Low Noise, Low IQ and High PSRR
More results

Similar Description - ISL9014IRCCZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Intersil Corporation
ISL9011AIRNNZ INTERSIL-ISL9011AIRNNZ Datasheet
320Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
September 1, 2015
ISL9014AIRNNZ INTERSIL-ISL9014AIRNNZ Datasheet
211Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
March 11, 2008
ISL9012 INTERSIL-ISL9012 Datasheet
233Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9011A INTERSIL-ISL9011A Datasheet
208Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9011A RENESAS-ISL9011A Datasheet
584Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
ISL9012 RENESAS-ISL9012 Datasheet
595Kb / 12P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9014 RENESAS-ISL9014 Datasheet
550Kb / 11P
   Dual LDO with Low Noise, Low IQ and High PSRR
logo
Intersil Corporation
ISL9012 INTERSIL-ISL9012_06 Datasheet
235Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com