Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSTUD32450G Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FSTUD32450G
Description  Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTUD32450G Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FSTUD32450G Datasheet HTML 5Page - Fairchild Semiconductor FSTUD32450G Datasheet HTML 6Page - Fairchild Semiconductor FSTUD32450G Datasheet HTML 7Page - Fairchild Semiconductor FSTUD32450G Datasheet HTML 8Page - Fairchild Semiconductor FSTUD32450G Datasheet HTML 9Page - Fairchild Semiconductor FSTUD32450G Datasheet HTML 10Page - Fairchild Semiconductor FSTUD32450G Datasheet HTML 11Page - Fairchild Semiconductor FSTUD32450G Datasheet HTML 12Page - Fairchild Semiconductor FSTUD32450G Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
www.fairchildsemi.com
10
AC Electrical Characteristics
Note 9: This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay other than the RC delay of the typical On
Resistance of the switch and the 50pF load capacitance, when driven by an ideal voltage source (zero output impedance).
AC Electrical Characteristics: Translating Diode
Note 10: This parameter is guaranteed by design but is not tested. This bus switch contributes no propagation delay other than the RC delay of the typical
On Resistance of the switch and the 50pF load capacitance, when driven by an ideal voltage source (zero output impedance).
Capacitance (Note 11)
Note 11: TA
25qC, f 1 MHz, Capacitance is characterized but not tested.
Symbol
Parameter
TA 40 qC to 85 qC,
Units
CL 50pF, RU RD 500:
Conditions
Figure
VCC 4.5 – 5.5V
VCC 4.0V
(S2 S5 0V)
Number
Min
Max
Min
Max
tPHL, tPLH
Propagation Delay Bus-to-Bus
(Note 9)
0.25
0.25
ns
VI OPEN
Figures
2, 3
tPZH, tPZL
Output Enable Time
1.5
6.5
7.0
ns
VI 7V for tPZL
Figures
2, 3
VI OPEN for tPZH
tPHZ, tPLZ
Output Disable Time
1.5
6.7
7.2
ns
VI 7V for tPLZ
Figures
2, 3
VI OPEN for tPHZ
tPZH, tPZL
Sel (S0, 1) to Output Enable Time
1.5
7.0
7.5
ns
VI 7V for tPZL
Figures
2, 3
VI OPEN for tPZH
tPHZ, tPLZ
Sel (S0, 1) to Output Disable Time
1.5
7.5
7.7
ns
VI 7V for tPLZ
Figures
2, 3
VI OPEN for tPHZ
Symbol
Parameter
TA 40 qC to 85 qC,
Units
CL 50pF, RU RD 500:
Conditions
Figure
VCC 4.5 – 5.5V
(S2 S5 VCC)
Number
Min
Max
tPHL, tPLH
Propagation Delay Bus-to-Bus (Note
10)
0.25
ns
VI OPEN
Figures
2, 3
tPZH, tPZL
Output Enable Time
1.5
10.0
ns
VI 7V for tPZL
Figures
2, 3
VI OPEN for tPZH
tPHZ, tPLZ
Output Disable Time
1.5
9.0
ns
VI 7V for tPLZ
Figures
2, 3
VI OPEN for tPHZ
tPZH, tPZL
Sel (S0, 1) to Output Enable Time
1.5
11.0
ns
VI 7V for tPZL
Figures
2, 3
VI OPEN for tPZH
tPHZ, tPLZ
Sel (S0, 1) to Output Disable Time
1.5
10.0
ns
VI 7V for tPLZ
Figures
2, 3
VI OPEN for tPHZ
Symbol
Parameter
Typ
Max
Units
Conditions
CIN
Control Pin Input Capacitance
4
pF
VCC 5.0V, VIN 0V
CI/O
Input/Output Capacitance “OFF State”
8pF
VCC, OE 5.0V, VIN 0V


Similar Part No. - FSTUD32450G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTUD32450G FAIRCHILD-FSTUD32450G Datasheet
495Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450G FAIRCHILD-FSTUD32450G Datasheet
496Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch
FSTUD32450GX FAIRCHILD-FSTUD32450GX Datasheet
496Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch
More results

Similar Description - FSTUD32450G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTUD32450 FAIRCHILD-FSTUD32450 Datasheet
495Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD16450 FAIRCHILD-FSTUD16450_06 Datasheet
425Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD16450 FAIRCHILD-FSTUD16450 Datasheet
416Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD16211 FAIRCHILD-FSTUD16211 Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
FSTUD32211 FAIRCHILD-FSTUD32211 Datasheet
246Kb / 8P
   40/48-Bit Bus Switch with -2V Undershoot Protection and Level Shifting (Preliminary)
FSTUD162450 FAIRCHILD-FSTUD162450 Datasheet
561Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting and 25??Series Resistors in Outputs
FSTD32450 FAIRCHILD-FSTD32450 Datasheet
470Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with Selectable Level Shifting (Preliminary)
FSTD16450 FAIRCHILD-FSTD16450 Datasheet
410Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with Selectable Level Shifting
FSTU3125 FAIRCHILD-FSTU3125 Datasheet
136Kb / 7P
   4-Bit Bus Switch with -2V Undershoot Protection
FSTUD16211 FAIRCHILD-FSTUD16211_06 Datasheet
309Kb / 8P
   24-Bit Bus Switch with −2V Undershoot Protection and Level Shifting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com