Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSTUD16211MTD Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSTUD16211MTD
Description  24-Bit Bus Switch with −2V Undershoot Protection and Level Shifting
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTUD16211MTD Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSTUD16211MTD Datasheet HTML 1Page - Fairchild Semiconductor FSTUD16211MTD Datasheet HTML 2Page - Fairchild Semiconductor FSTUD16211MTD Datasheet HTML 3Page - Fairchild Semiconductor FSTUD16211MTD Datasheet HTML 4Page - Fairchild Semiconductor FSTUD16211MTD Datasheet HTML 5Page - Fairchild Semiconductor FSTUD16211MTD Datasheet HTML 6Page - Fairchild Semiconductor FSTUD16211MTD Datasheet HTML 7Page - Fairchild Semiconductor FSTUD16211MTD Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 8: This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay other than the RC delay of the typical On
Resistance of the switch and the 50pF load capacitance, when driven by an ideal voltage source (zero output impedance).
Capacitance (Note 9)
Note 9: TA = +25°C, f = 1 MHz, Capacitance is characterized but not tested.
Undershoot Characteristic (Note 10)
Note 10: This test is intended to characterize the device’s protective capabilities by maintaining output signal integrity during an input transient voltage
undershoot event.
FIGURE 1.
Device Test Conditions
Transient
Input Voltage (VIN) Waveform
Symbol
Parameter
TA = −40 °C to +85 °C,
CL = 50pF, RU = RD = 500Ω
Units
Conditions
Figure
No.
VCC = 4.5 – 5.5V
Min
Max
tPHL, tPLH
Propagation Delay Bus to Bus
(Note 8)
0.25
ns
VI = OPEN
Figures
2, 3
tPZH, tPZL
Output Enable Time
1.5
5.5
ns
VI = 7V for tPZL
Figures
2, 3
VI = OPEN for tPZH
tPHZ, tPLZ
Output Disable Time
1.5
6.5
ns
VI = 7V for tPLZ
Figures
2, 3
VI = OPEN for tPHZ
Symbol
Parameter
Typ
Max
Units
Conditions
CIN
Control pin Input Capacitance
3.5
pF
VCC = 5.0V
CI/O OFF
Input/Output Capacitance “OFF State”
5.5
pF
VCC = 5.0V, Switch OFF
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VOUTU
Output Voltage During Undershoot
2.5
VOH − 0.3
V
Figure 1
Parameter
Value
Units
VIN
see Waveform
V
R1 = R2
100K
VTRI
11.0
V
VCC
5.5
V


Similar Part No. - FSTUD16211MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTUD16211MTD FAIRCHILD-FSTUD16211MTD Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
More results

Similar Description - FSTUD16211MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTUD16211 FAIRCHILD-FSTUD16211 Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
FSTU3384 FAIRCHILD-FSTU3384_06 Datasheet
109Kb / 5P
   10-Bit Bus Switch with −2V Undershoot Protection
FSTU6800 FAIRCHILD-FSTU6800_06 Datasheet
191Kb / 5P
   10-Bit Bus Switch with Precharged Outputs and −2V Undershoot Protection
FSTU32X384 FAIRCHILD-FSTU32X384_06 Datasheet
250Kb / 6P
   20-Bit Low Power Bus Switch with −2V Undershoot Protection
FSTUD32211 FAIRCHILD-FSTUD32211 Datasheet
246Kb / 8P
   40/48-Bit Bus Switch with -2V Undershoot Protection and Level Shifting (Preliminary)
FSTD16211 FAIRCHILD-FSTD16211 Datasheet
322Kb / 7P
   24-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD16211 ONSEMI-FSTD16211 Datasheet
410Kb / 9P
   24-Bit Bus Switch with Level Shifting
Revised April 2005
logo
Fairchild Semiconductor
FSTUD16450 FAIRCHILD-FSTUD16450_06 Datasheet
425Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD16450 FAIRCHILD-FSTUD16450 Datasheet
416Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450 Datasheet
495Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com