Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9203CRZR5220 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL9203CRZR5220
Description  Li-ion/Li Polymer Battery Charger
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9203CRZR5220 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL9203CRZR5220 Datasheet HTML 2Page - Intersil Corporation ISL9203CRZR5220 Datasheet HTML 3Page - Intersil Corporation ISL9203CRZR5220 Datasheet HTML 4Page - Intersil Corporation ISL9203CRZR5220 Datasheet HTML 5Page - Intersil Corporation ISL9203CRZR5220 Datasheet HTML 6Page - Intersil Corporation ISL9203CRZR5220 Datasheet HTML 7Page - Intersil Corporation ISL9203CRZR5220 Datasheet HTML 8Page - Intersil Corporation ISL9203CRZR5220 Datasheet HTML 9Page - Intersil Corporation ISL9203CRZR5220 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
FN9242.1
January 3, 2006
Pin Descriptions
VIN (Pin1)
VIN is the input power source. Connect to a wall adapter.
NC (Pin 2)
No connection for this pin.
STATUS (Pin 3)
STATUS is an open-drain output indicating charging and
inhibit states. The STATUS pin is pulled LOW when the
charger is charging a battery. It will be forced to high
impedence when the charge current drops to IMIN. This high
impedence mode will be latched until a recharge cycle or a
new charge cycle starts.
TIME (Pin 4)
The TIME pin determines the oscillation period by
connecting a timing capacitor between this pin and GND.
The oscillator also provides a time reference for the charger.
GND (Pin 5)
GND is the connection to system ground.
EN (Pin 6)
EN is the enable logic input. Connect the EN pin to LOW to
disable the charger or leave it floating to enable the charger.
V2P8 (Pin 7)
This is a 2.8V reference voltage output. This pin outputs a
2.8V voltage source when the input voltage is above POR
threshold, otherwise it outputs zero. The V2P8 pin can be
used as an indication for adapter presence.
IREF (Pin 8)
This is the programming input for the constant charging
current. It maintains at 0.8V when the charger is in normal
operation.
VSEN (Pin 9)
VSEN is the remote voltage sense pin. Connect this pin as
close as possible to the battery pack positive connection. If
the VSEN pin is floating, its voltage drops to zero volt and
the charger operates in the trickle mode.
VBAT (Pin 10)
VBAT is the connection to the battery. Typically a 10
µF
Tantalum capacitor is needed for stability when there is no
battery attached. When a battery is attached, only a 0.1
µF
ceramic capacitor is required.
FIGURE 15. STATUS PIN VOLTAGE vs CURRENT WHEN THE OPEN-DRAIN MOSFET TURNS ON
Typical Operating Performance The test conditions for the Typical Operating Performance are: VIN = 5V, TA = 25°C,
RIREF = RIMIN = 80kΩ, VBAT = 3.7V, unless otherwise noted. (Continued)
0
4
8
12
16
20
24
28
0.0 0.5
1.0 1.5 2.0
2.5 3.0 3.5 4.0
4.5 5.0
STATUS PIN VOLTAGE (V)
ISL9203R5220


Similar Part No. - ISL9203CRZR5220

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9203CRZR5220 INTERSIL-ISL9203CRZR5220 Datasheet
395Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL9203CRZR5220 RENESAS-ISL9203CRZR5220 Datasheet
707Kb / 14P
   Li-ion/Li Polymer Battery Charger
More results

Similar Description - ISL9203CRZR5220

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
logo
uPI Group Inc.
UP8001A UPI-UP8001A Datasheet
443Kb / 16P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL78692 RENESAS-ISL78692 Datasheet
990Kb / 18P
   Li-ion/Li-Polymer Battery Charger
logo
Intersil Corporation
ISL6298CR4Z INTERSIL-ISL6298CR4Z Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
March 9, 2006
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com