Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6567 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6567
Description  Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6567 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6567 Datasheet HTML 6Page - Intersil Corporation ISL6567 Datasheet HTML 7Page - Intersil Corporation ISL6567 Datasheet HTML 8Page - Intersil Corporation ISL6567 Datasheet HTML 9Page - Intersil Corporation ISL6567 Datasheet HTML 10Page - Intersil Corporation ISL6567 Datasheet HTML 11Page - Intersil Corporation ISL6567 Datasheet HTML 12Page - Intersil Corporation ISL6567 Datasheet HTML 13Page - Intersil Corporation ISL6567 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
FN9243.2
March 20, 2007
INTERLEAVING
The switching of each channel in a ISL6567-based converter
is timed to be symmetrically out of phase with the other
channel. As a result, the two-phase converter has a
combined ripple frequency twice the frequency of one of its
phases. In addition, the peak-to-peak amplitude of the
combined inductor currents is proportionately reduced.
Increased ripple frequency and lower ripple amplitude
generally translate to lower per-channel inductance and/or
lower total output capacitance for any given set of
performance specification.
Figure 3 illustrates the additive effect on output ripple
frequency. The two channel currents (IL1 and IL2), combine
to form the AC ripple current and the DC load current. The
ripple component has two times the ripple frequency of each
individual channel current.
To understand the reduction of ripple current amplitude in the
multi-phase circuit, examine the equation representing an
individual channel’s peak-to-peak inductor current.
VIN and VOUT are the input and output voltages,
respectively, L is the single-channel inductor value, and fS is
the switching frequency.
The output capacitors conduct the ripple component of the
inductor current. In the case of multi-phase converters, the
capacitor current is the sum of the ripple currents from each
of the individual channels. Peak-to-peak ripple current
decreases by an amount proportional to the number of
channels. Output-voltage ripple is a function of capacitance,
capacitor equivalent series resistance (ESR), and inductor
ripple current. Reducing the inductor ripple current allows
the designer to use fewer or less costly output capacitors
(should output high-frequency ripple be an important design
parameter).
Another benefit of interleaving is the reduction of input ripple
current. Input capacitance is determined in a large part by
the maximum input ripple current. Multi-phase topologies
can improve overall system cost and size by lowering input
ripple current and allowing the designer to reduce the cost of
input capacitance. The example in Figure 4 illustrates input
currents from a two-phase converter combining to reduce
the total input ripple current.
Figure 28, part of the section entitled Input Capacitor
Selection, can be used to determine the input-capacitor
RMS current based on load current and duty cycle. The
figure is provided as an aid in determining the optimal input
capacitor solution.
PWM OPERATION
One switching cycle for the ISL6567 is defined as the time
between consecutive PWM pulse terminations (turn-off of
the upper MOSFET on a channel). Each cycle begins when
a switching clock signal commands the upper MOSFET to
go off. The other channel’s upper MOSFET conduction is
terminated 1/2 of a cycle later.
Once a channel’s upper MOSFET is turned off, the lower
MOSFET remains on for a minimum of 1/3 cycle. This forced
off time is required to assure an accurate current sample.
Following the 1/3-cycle forced off time, the controller enables
the upper MOSFET output. Once enabled, the upper
MOSFET output transitions high when the sawtooth signal
crosses the adjusted error-amplifier output signal, as
illustrated in Figure 2. Just prior to the upper drive turning
FIGURE 3. PWM AND INDUCTOR-CURRENT WAVEFORMS
FOR 2-PHASE CONVERTER
PWM2
PWM1
IL2
IL1
IL1 + IL2
I
LPP
,
V
IN
V
OUT
() V
OUT
Lf
S
V
IN
----------------------------------------------------------
=
I
PP
V
IN
NV
OUT
() V
OUT
Lf
S
V
IN
--------------------------------------------------------------------
=
FIGURE 4. INPUT CAPACITOR CURRENT AND INDIVIDUAL
CHANNEL CURRENTS IN A 2-PHASE
CONVERTER
Q1 D-S CURRENT
Q3 D-S CURRENT
CIN CURRENT
ISL6567
ISL6567


Similar Part No. - ISL6567

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6567 INTERSIL-ISL6567 Datasheet
545Kb / 26P
   Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6567 RENESAS-ISL6567 Datasheet
1Mb / 26P
   Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6567CRZ INTERSIL-ISL6567CRZ Datasheet
545Kb / 26P
   Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6567CRZ RENESAS-ISL6567CRZ Datasheet
1Mb / 26P
   Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6567CRZ-T INTERSIL-ISL6567CRZ-T Datasheet
545Kb / 26P
   Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
More results

Similar Description - ISL6567

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6567 INTERSIL-ISL6567 Datasheet
545Kb / 26P
   Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6567 RENESAS-ISL6567 Datasheet
1Mb / 26P
   Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Anpec Electronics Corop...
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098 Datasheet
657Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315 Datasheet
519Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6315 RENESAS-ISL6315 Datasheet
907Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315_07 Datasheet
392Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6563 INTERSIL-ISL6563 Datasheet
516Kb / 19P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL8101 INTERSIL-ISL8101 Datasheet
404Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com