Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL9000 Datasheet(PDF) 6 Page - Intersil Corporation

Part No. ISL9000
Description  Dual LDO with Low Noise, Very High PSRR, and Low IQ
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL9000 Datasheet(HTML) 6 Page - Intersil Corporation

Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN9217.3
August 2, 2006
FIGURE 8. DROPOUT VOLTAGE vs LOAD CURRENT
FIGURE 9. GROUND CURRENT vs INPUT VOLTAGE
FIGURE 10. GROUND CURRENT vs LOAD
FIGURE 11. GROUND CURRENT vs TEMPERATURE
FIGURE 12. POWER-UP/POWER-DOWN
FIGURE 13. POWER-UP/POWER-DOWN WITH POR SIGNALS
Typical Performance Curves (Continued)
200
250
300
350
150
100
50
0
50
100
150
200
250
300
350
400
0
OUTPUT LOAD (mA)
VO = 3.3V
85°C
25°C
-40°C
30
35
40
45
55
25
4.0
5.0
6.5
INPUT VOLTAGE (V)
50
3.0
3.5
4.58
5.5
6.0
IO(BOTH CHANNELS) = 0µA
VO1 = 3.3V
VO2 = 2.8V
-40°C
25°C
125°C
200
160
100
20
0
50
100
150
200
250
400
0
LOAD CURRENT (mA)
350
300
VO1 = 3.3V
VIN = 3.8V
VO2 = 2.8V
40
60
80
120
140
180
85°C
-40°C
25°C
35
25
-10
20
50
110
-40
TEMPERATURE (°C)
45
50
55
40
30
-25
5
35
80
65
95
125
VIN = 3.8V
VO = 3.3V
ILOAD = 0µA
BOTH OUTPUTS ON
2
3
4
5
1
0
12
34
5
6
7
10
TIME (s)
89
VO2
VO1
VIN
0
VO1 = 3.3V
VO2 = 2.8V
IL1 = 300mA
IL2 = 300mA
1.5
2.0
2.5
3.0
1.0
0.5
0.5
1.0
1.5
2.0
2.5
3.0
3.5
5.0
0
TIME (s)
4.0
4.5
POR1
VO1
POR2
VO2
0
3.5
VO1 = 3.3V
VO2 = 2.8V
IL1 = 300mA
IL2 = 300mA
CPOR = 0.1µF
ISL9000


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn