Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTQA430033P2AZ Datasheet(PDF) 11 Page - Texas Instruments

Part # PTQA430033P2AZ
Description  100-W 48-V INPUT ISOLATED DC/DC CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTQA430033P2AZ Datasheet(HTML) 11 Page - Texas Instruments

Back Button PTQA430033P2AZ Datasheet HTML 7Page - Texas Instruments PTQA430033P2AZ Datasheet HTML 8Page - Texas Instruments PTQA430033P2AZ Datasheet HTML 9Page - Texas Instruments PTQA430033P2AZ Datasheet HTML 10Page - Texas Instruments PTQA430033P2AZ Datasheet HTML 11Page - Texas Instruments PTQA430033P2AZ Datasheet HTML 12Page - Texas Instruments PTQA430033P2AZ Datasheet HTML 13Page - Texas Instruments PTQA430033P2AZ Datasheet HTML 14Page - Texas Instruments PTQA430033P2AZ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
www.ti.com
Differential Remote Sense
PTQA430025, PTQA430033, PTQA420050
SLTS261A – MAY 2006 – REVISED DECEMBER 2006
The remote sense pins allows the converter to precisely regulate the DC output voltage at a remote location.
This might be a power plane on an inner layer of the host PCB. Connecting Sense(+) directly to +VO, and
Sense(–) to –VO will improve output voltage accuracy. In the event that the sense pins are left open-circuit, an
internal 10-
Ω resistor between each sense pin and its corresponding output prevents an excessive rise in the
output voltage. For practical reasons, the amount of IR voltage compensation should be limited to 0.5 V
maximum.
The remote sense feature is designed to compensate for limited amounts of IR voltage drop. It is not intended to
compensate for the forward drop of a non-linear or frequency dependent components that may be placed in
series with the converter output. Examples of such components include OR-ing diodes, filter inductors, ferrite
beads, and fuses. Enclosing these components with the remote sense connections effectively places them
inside the regulation control loop, which can affect the stability of the regulator.
11
Submit Documentation Feedback


Similar Part No. - PTQA430033P2AZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTQA430033P2AZ TI-PTQA430033P2AZ Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
More results

Similar Description - PTQA430033P2AZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTQA430025 TI-PTQA430025 Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4400 TI-PT4400 Datasheet
218Kb / 10P
[Old version datasheet]   75-W 48-V Input Isolated DC/DC Converter
PT3401C TI-PT3401C Datasheet
285Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com