Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5132DDVRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TAS5132DDVRG4
Description  STEREO DIGITAL AMPLIFIER POWER STAGE
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5132DDVRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TAS5132DDVRG4 Datasheet HTML 1Page - Texas Instruments TAS5132DDVRG4 Datasheet HTML 2Page - Texas Instruments TAS5132DDVRG4 Datasheet HTML 3Page - Texas Instruments TAS5132DDVRG4 Datasheet HTML 4Page - Texas Instruments TAS5132DDVRG4 Datasheet HTML 5Page - Texas Instruments TAS5132DDVRG4 Datasheet HTML 6Page - Texas Instruments TAS5132DDVRG4 Datasheet HTML 7Page - Texas Instruments TAS5132DDVRG4 Datasheet HTML 8Page - Texas Instruments TAS5132DDVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
TM
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
PVDD − Supply Voltage − V
0
5
10
15
20
25
30
0
5
10
15
20
8
TC = 75°C
THD+N @ 10%
6
G002
TAS5132
SLES190 – DECEMBER 2006
STEREO DIGITAL AMPLIFIER POWER STAGE
A low-cost, high-fidelity audio system can be built
using a TI chipset, comprising a modulator (e.g.,
• 2×20 W at 10% THD+N Into 8-Ω BTL
TAS5086) and the TAS5132. This system only
• 2×25 W at 10% THD+N Into 6-Ω BTL
requires a simple passive LC demodulation filter to
deliver
high-quality,
high-efficiency
audio
• >100-dB SNR (A-Weighted)
amplification with proven EMI compliance. This
• <0.1% THD+N at 1 W
device requires two power supplies, at 12 V for
• Thermally Enhanced Package:
GVDD and VDD, and at 18 V for PVDD. The
DDV (44-pin HTSSOP)
TAS5132 does not require power-up sequencing due
to internal power-on reset. The efficiency of this
• High-Efficiency Power Stage (>90%) With
digital amplifier is greater than 90% into 8
Ω, which
140-m
Ω Output MOSFETs
enables the use of smaller power supplies and
• Power-On Reset for Protection on Power Up
heatsinks.
Without Any Power-Supply Sequencing
The TAS5132 has an innovative protection system
• Integrated Self-Protection Circuits Including
integrated on chip, safeguarding the device against a
Undervoltage, Overtemperature, Overload,
wide range of fault conditions that could damage the
Short Circuit
system.
These
safeguards
are
short-circuit
• PWM Activity Detector to detect stopped PWM
protection,
overcurrent
protection,
undervoltage
protection, and overtemperature protection. The
inputs and protect the system
TAS5132 has a new proprietary current-limiting
• Error Reporting
circuit that reduces the possibility of device shutdown
• EMI Compliant When Used With
during high-level music transients.
Recommended System Design
BTL OUTPUT POWER vs SUPPLY VOLTAGE
• Intelligent Gate Drive
• Pin Compatible With the TAS5142DDV
• Televisions
• Mini/Micro Audio Systems
• DVD Receivers
• Home Theaters
The TAS5132 is an integrated stereo digital amplifier
power stage with an advanced protection system.
The TAS5132 is capable of driving a 6-
Ω bridge-tied
load (BTL) at up to 25 W per channel with low
integrated
noise
at
the
output,
low
THD+N
performance, and low idle power dissipation.
PurePath Digital™
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PurePath Digital, PowerPAD are trademarks of Texas Instruments.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5132DDVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5132DDVRG4 TI-TAS5132DDVRG4 Datasheet
388Kb / 23P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132DDVRG4 TI-TAS5132DDVRG4 Datasheet
460Kb / 24P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
More results

Similar Description - TAS5132DDVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5132 TI-TAS5132 Datasheet
388Kb / 23P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_15 Datasheet
558Kb / 30P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_07 Datasheet
697Kb / 27P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142 Datasheet
583Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_15 Datasheet
667Kb / 27P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152 Datasheet
415Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_07 Datasheet
463Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_07 Datasheet
460Kb / 24P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_15 Datasheet
1Mb / 32P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5602 TI-TAS5602 Datasheet
1Mb / 29P
[Old version datasheet]   20W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com