Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL6310 Datasheet(PDF) 7 Page - Intersil Corporation

Part No. ISL6310
Description  Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6310 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6310_06 Datasheet HTML 3Page - Intersil Corporation ISL6310_06 Datasheet HTML 4Page - Intersil Corporation ISL6310_06 Datasheet HTML 5Page - Intersil Corporation ISL6310_06 Datasheet HTML 6Page - Intersil Corporation ISL6310_06 Datasheet HTML 7Page - Intersil Corporation ISL6310_06 Datasheet HTML 8Page - Intersil Corporation ISL6310_06 Datasheet HTML 9Page - Intersil Corporation ISL6310_06 Datasheet HTML 10Page - Intersil Corporation ISL6310_06 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
7
FN9209.3
December 12, 2006
Timing Diagram
Simplified Power System Diagram
Functional Pin Description
VCC (Pin 3)
Bias supply for the IC’s small-signal circuitry. Connect this
pin to a +5V supply and locally decouple using a quality
1.0
μF ceramic capacitor.
PVCC (Pin 15)
Power supply pin for the MOSFET drive. This pin can be
connected to any voltage from +5V to +12V, depending on
the desired MOSFET gate drive level.
GND (Pin 33)
Bias and reference ground for the IC.
ENLL (Pin 20)
This pin is a threshold sensitive (approximately 0.66V) enable
input for the controller. Held low, this pin disables controller
operation. Pulled high, the pin enables the controller for
operation.
FS (Pin 29)
A resistor, placed from FS to ground, will set the switching
frequency. Refer to Equation 33 and Figure 24 for proper
resistor calculation.
2PH (Pin 31)
This pin is used to choose between single or two phase
operation. Tying this pin to VCC allows for 2-Phase operation.
Tying the 2PH pin to GND causes the controller to operate in
a single phase mode.
REF0 and REF1 (Pins 30, 21)
These pins make up the 2-Bit input that selects the fixed DAC
reference voltage. These pins respond to TTL logic
thresholds. The ISL6310 decodes these inputs to establish
UGATE
LGATE
tFLGATE
tPDHUGATE
tRUGATE
tFUGATE
tPDHLGATE
tRLGATE
CHANNEL1
+5VIN
VOUT
Q1
Q2
ISL6310
DAC
CHANNEL2
Q3
Q4
+12VIN
ENLL
PGOOD
2
REF0,REF1
OVP
ISL6310


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn