Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL6310 Datasheet(PDF) 26 Page - Intersil Corporation

Part No. ISL6310
Description  Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL6310 Datasheet(HTML) 26 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
26
FN9209.3
December 12, 2006
VIA CONNECTION TO GROUND PLANE
ISLAND ON POWER PLANE LAYER
ISLAND ON CIRCUIT PLANE LAYER
KEY
FIGURE 27. PRINTED CIRCUIT BOARD POWER PLANES AND ISLANDS
HEAVY TRACE ON CIRCUIT PLANE LAYER
+12V
+12V
LOAD
CBOOT1
RISEN1
RISEN2
CBOOT2
CBIN1
(CHFOUT)
CBOUT
CHF1
CBIN2
LOCATE CLOSE TO IC
LOCATE NEAR LOAD;
(MINIMIZE CONNECTION PATH)
LOCATE NEAR SWITCHING TRANSISTORS;
(MINIMIZE CONNECTION PATH)
(MINIMIZE CONNECTION PATH)
CHF2
CCOMP
RCOMP
RS
RS
ROCSET
PGOOD
VDIFF
FB
COMP
VCC
ISEN1
ISL6310
REF1
FS
OFST
REF
PHASE1
UGATE1
BOOT1
LGATE1
ISEN2
PHASE2
UGATE2
BOOT2
LGATE2
ISUM
ICOMP
IREF
VSEN
RGND
OCSET
REF0
+5V
PVCC
ENLL
+12V
GND
OVP
2PH
DAC
DROOP
C1
R2
C2
R1
CHF0
ROFST
RREF
CREF
CSUM
to PVCC
CHF01
LOUT1
LOUT2
RFS
ISL6310


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn