Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSTU3257 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSTU3257
Description  Quad 2:1 Multiplexer/Demultiplexer Bus Switch with 2V Undershoot Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTU3257 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSTU3257 Datasheet HTML 1Page - Fairchild Semiconductor FSTU3257 Datasheet HTML 2Page - Fairchild Semiconductor FSTU3257 Datasheet HTML 3Page - Fairchild Semiconductor FSTU3257 Datasheet HTML 4Page - Fairchild Semiconductor FSTU3257 Datasheet HTML 5Page - Fairchild Semiconductor FSTU3257 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 7: This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay other than the RC delay of the typical On
resistance of the switch and the 50pF load capacitance, when driven by an ideal voltage the source (zero output impedance).
Capacitance (Note 8)
Note 8: TA
25qC, f 1 MHz, Capacitance is characterized but not tested.
Undershoot Characteristic (Note 9)
Note 9: This is intended to characterize the device’s protective capabilities by maintaining output signal integrity during an input transient voltage undershoot
event.
FIGURE 1.
Device Test Conditions
Transient
Input Voltage (VIN) Waveform
Symbol
Parameter
TA 40 qC to 85qC,
Units
Conditions
CL 50pF, RU RD 500:
Figure
VCC 4.5 – 5.5V
VCC 4.0V
No.
Min
Max
Min
Max
tPHL,tPLH Prop Delay Bus to Bus (Note 7)
0.25
0.25
ns
VI OPEN
Figures
2, 3
Prop Delay, Select to Bus A
7.0
30.0
35.0
tPZH, tPZL Output Enable Time, Select to Bus B
7.0
30.0
35.0
ns
VI 7V for tPZL
Figures
2, 3
Output Enable Time, OE to Bus A, B
7.0
30.0
35.0
VI OPEN for tPZH
tPHZ, tPLZ Output Disable Time, Select to Bus B
1.5
8.4
9.8
ns
VI 7V for tPLZ
Figures
2, 3
Output Disable Time, Output Enable Time, OE to Bus A, B
1.5
8.8
9.8
VI OPEN for tPHZ
Symbol
Parameter
Typ
Max
Units
Conditions
CIN
Control Pin Input Capacitance
3
pF
VCC 5.0V
CI/O
A Port
Input/Output Capacitance
7.5
pF
VCC, OE 5.0V
B Port
5.5
pF
CI/O ON State
Input/Output Capacitance ON State (A or B Port)
14
pF
VCC 5.0V Switch ON
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VOUTU
Output Voltage During Undershoot
2.5
VOH  0.3
V
Figure 1
Parameter
Value
Units
VIN
See Waveform
V
R1 - R2
100K
:
VTRI
11.0
V
VCC
5.5
V


Similar Part No. - FSTU3257

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTU3257 FAIRCHILD-FSTU3257 Datasheet
89Kb / 7P
   Quad 2:1 Multiplexer/Demultiplexer Bus Switch with -2V Undershoot Protection
FSTU3257M FAIRCHILD-FSTU3257M Datasheet
89Kb / 7P
   Quad 2:1 Multiplexer/Demultiplexer Bus Switch with -2V Undershoot Protection
FSTU3257MTC FAIRCHILD-FSTU3257MTC Datasheet
89Kb / 7P
   Quad 2:1 Multiplexer/Demultiplexer Bus Switch with -2V Undershoot Protection
FSTU3257QSC FAIRCHILD-FSTU3257QSC Datasheet
89Kb / 7P
   Quad 2:1 Multiplexer/Demultiplexer Bus Switch with -2V Undershoot Protection
More results

Similar Description - FSTU3257

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTU3257 FAIRCHILD-FSTU3257 Datasheet
89Kb / 7P
   Quad 2:1 Multiplexer/Demultiplexer Bus Switch with -2V Undershoot Protection
FSTU32160 FAIRCHILD-FSTU32160 Datasheet
96Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch with -2V Undershoot Protection
logo
ON Semiconductor
74FST3257 ONSEMI-74FST3257_18 Datasheet
99Kb / 8P
   Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
May, 2018 ??Rev. 8
74FST3257 ONSEMI-74FST3257_11 Datasheet
145Kb / 8P
   Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
June, 2011 ??Rev. 7
FST3257 ONSEMI-FST3257 Datasheet
575Kb / 12P
   Quad 2:1 Multiplexer / Demultiplexer Bus Switch
May 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FST3257 FAIRCHILD-FST3257 Datasheet
96Kb / 5P
   Quad 2:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
74FST3257 ONSEMI-74FST3257_07 Datasheet
96Kb / 8P
   Quad 2:1 Multiplexer/Demultiplexer Bus Switch
January, 2007 ??Rev. 4
74FST3257 ONSEMI-74FST3257 Datasheet
85Kb / 8P
   Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
January, 2005 ??Rev. 2
logo
Fairchild Semiconductor
FSTU3125 FAIRCHILD-FSTU3125 Datasheet
136Kb / 7P
   4-Bit Bus Switch with -2V Undershoot Protection
FSTU16861 FAIRCHILD-FSTU16861 Datasheet
157Kb / 6P
   20-Bit Bus Switch with -2V Undershoot Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com