Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVCP404RGZRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN65LVCP404RGZRG4
Description  Gigabit 4x4 CROSSPOINT SWITCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVCP404RGZRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65LVCP404RGZRG4 Datasheet HTML 6Page - Texas Instruments SN65LVCP404RGZRG4 Datasheet HTML 7Page - Texas Instruments SN65LVCP404RGZRG4 Datasheet HTML 8Page - Texas Instruments SN65LVCP404RGZRG4 Datasheet HTML 9Page - Texas Instruments SN65LVCP404RGZRG4 Datasheet HTML 10Page - Texas Instruments SN65LVCP404RGZRG4 Datasheet HTML 11Page - Texas Instruments SN65LVCP404RGZRG4 Datasheet HTML 12Page - Texas Instruments SN65LVCP404RGZRG4 Datasheet HTML 13Page - Texas Instruments SN65LVCP404RGZRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
www.ti.com
TYPICAL DEVICE BEHAVIOR
100ps/div
Pre-emphasisLevels
Eye After51inchFR-4Trace,Input800mV
PP
Eye After51inchFR-4Trace,Input800mV
,
Throughthe404WithPre-emphasisat3dB
PP
50ps/div
35-inches,
88.9cmFR4
35-inches,
88.9cmFR4
51-inches,
129.54cmFR4
4.25Gbps
Signal
Generator
PRBS2
800mV
Input
7-1
PP
SN65LVCP404
SLLS700 – MARCH 2007
Figure 10. Preemphasis Signal Shape
NOTE: 51 Inches (129.54 cm) Input Trace, dR =
4.25 Gbps; 27- 1 PRBS
Figure 9. Data Input and Output Pattern
Figure 11. Data Output Pattern
10
Submit Documentation Feedback


Similar Part No. - SN65LVCP404RGZRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP404RGZR TI1-SN65LVCP404RGZR Datasheet
1Mb / 22P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP404RGZRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP404 TI1-SN65LVCP404_14 Datasheet
1Mb / 23P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
SN65LVCP404 TI1-SN65LVCP404_15 Datasheet
1Mb / 22P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
SN65LVDS250 TI-SN65LVDS250_07 Datasheet
544Kb / 18P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDS125A TI-SN65LVDS125A Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125A TI1-SN65LVDT125A_14 Datasheet
824Kb / 21P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125DBT TI-SN65LVDT125DBT Datasheet
250Kb / 16P
[Old version datasheet]   LVDS 4X4 CROSSPOINT SWITCH
SN65LVDS250 TI-SN65LVDS250 Datasheet
355Kb / 16P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
   1.5 Gbps 4X4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP04 TI1-DS90CP04_15 Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100_03 Datasheet
300Kb / 10P
   4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com