Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6251HAZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6251HAZ
Description  Low Cost Multi-Chemistry Battery Charger Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6251HAZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6251HAZ Datasheet HTML 1Page - Intersil Corporation ISL6251HAZ Datasheet HTML 2Page - Intersil Corporation ISL6251HAZ Datasheet HTML 3Page - Intersil Corporation ISL6251HAZ Datasheet HTML 4Page - Intersil Corporation ISL6251HAZ Datasheet HTML 5Page - Intersil Corporation ISL6251HAZ Datasheet HTML 6Page - Intersil Corporation ISL6251HAZ Datasheet HTML 7Page - Intersil Corporation ISL6251HAZ Datasheet HTML 8Page - Intersil Corporation ISL6251HAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
FN9202.2
May 10, 2006
ADAPTER CURRENT LIMIT THRESHOLD
CSIP to CSIN Full-Scale Current Sense
Voltage
ACLIM = VREF
97
100
103
mV
ACLIM = Float
72
75
78
mV
ACLIM = GND
47
50
53
mV
ACLIM Input Bias Current
ACLIM = VREF
10
16
20
µA
ACLIM = GND
-20
-16
-10
µA
VOLTAGE REGULATION ERROR AMPLIFIER
Error Amplifier Transconductance from
CSON to VCOMP
CELLS = VDD
30
µA/V
CURRENT REGULATION ERROR AMPLIFIER
Charging Current Error Amplifier
Transconductance
50
µA/V
Adapter Current Error Amplifier
Transconductance
50
µA/V
BATTERY CELL SELECTOR
CELLS Input Voltage for 4 Cell Select
4.3
V
CELLS Input Voltage for 3 Cell Select
2V
CELLS Input Voltage for 2 Cell Select
2.1
4.2
V
LOGIC INTERFACE
EN Input Voltage Range
0
VDD
V
EN Threshold Voltage
Rising
1.030
1.06
1.100
V
Falling
0.985
1.000
1.025
V
Hysteresis
30
60
90
mV
EN Input Bias Current
EN = 2.5V
1.8
2.0
2.2
µA
ACPRN Sink Current
ACPRN = 0.4V
3
8
11
mA
ACPRN Leakage Current
ACPRN = 5V
-0.5
0.5
µA
ICM Output Accuracy
(Vicm = 19.9 x (Vcsip-Vcsin))
CSIP - CSIN = 100mV
-3
0
+3
%
CSIP - CSIN = 75mV
-4
0
+4
%
CSIP - CSIN = 50mV
-5
0
+5
%
Thermal Shutdown Temperature
150
°C
Thermal Shutdown Temperature
Hysteresis
25
°C
NOTE:
7. This is the sum of currents in these pins (CSIP, CSIN, BOOT, UGATE, PHASE, CSOP, CSON) all tied to 16.8V. No current in pins EN, ACSET,
VADJ, CELLS, ACLIM, CHLIM.
Electrical Specifications
DCIN = CSIP = CSIN = 18V, CSOP = CSON = 12V, ACSET = 1.5V, ACLIM = VREF, VADJ = Floating,
EN = VDD = 5V, BOOT-PHASE = 5.0V, GND = PGND = 0V, CVDD = 1µF, IVDD = 0mA, TA = -10°C to +100°C,
TJ ≤ 125°C, unless otherwise noted. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6251, ISL6251A


Similar Part No. - ISL6251HAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6251HAZ INTERSIL-ISL6251HAZ Datasheet
593Kb / 20P
   Low Cost Multi-Chemistry Battery Charger Controller
logo
Renesas Technology Corp
ISL6251HAZ RENESAS-ISL6251HAZ Datasheet
988Kb / 20P
   Low Cost Multi-Chemistry Battery Charger Controller
logo
Intersil Corporation
ISL6251HAZ-T INTERSIL-ISL6251HAZ-T Datasheet
593Kb / 20P
   Low Cost Multi-Chemistry Battery Charger Controller
More results

Similar Description - ISL6251HAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6251 INTERSIL-ISL6251 Datasheet
593Kb / 20P
   Low Cost Multi-Chemistry Battery Charger Controller
logo
Renesas Technology Corp
ISL6251 RENESAS-ISL6251 Datasheet
988Kb / 20P
   Low Cost Multi-Chemistry Battery Charger Controller
logo
Shanghai Consonance Ele...
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
   Multi-Chemistry Battery Charger
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
   Multi-Chemistry Battery Charger
logo
Texas Instruments
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
logo
Linear Technology
LTC4009-2 LINER-LTC4009-2_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009 LINER-LTC4009_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009-1 LINER-LTC4009-1_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com