Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FST162861 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FST162861
Description  20-Bit Bus Switch with 25ohm Series Resistors in Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST162861 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FST162861 Datasheet HTML 1Page - Fairchild Semiconductor FST162861 Datasheet HTML 2Page - Fairchild Semiconductor FST162861 Datasheet HTML 3Page - Fairchild Semiconductor FST162861 Datasheet HTML 4Page - Fairchild Semiconductor FST162861 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Logic Diagram
Truth Table
Connection Diagram
Pin Descriptions
Inputs
Inputs/Outputs
OE1
OE2
1A, 1B
2A, 2B
LL
1A
1B
2A
2B
LH
1A
1B
Z
HL
Z
2A
2B
HH
Z
Z
Pin Name
Description
OE1, OE2
Bus Switch Enables
1A, 2A
Bus A
1B, 2B
Bus B


Similar Part No. - FST162861

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST162861 FAIRCHILD-FST162861 Datasheet
82Kb / 4P
   20-Bit Bus Switch with 25W Series Resistors in Outputs
FST162861MTD FAIRCHILD-FST162861MTD Datasheet
82Kb / 4P
   20-Bit Bus Switch with 25W Series Resistors in Outputs
More results

Similar Description - FST162861

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST34X2245 FAIRCHILD-FST34X2245_05 Datasheet
128Kb / 5P
   32-Bit Bus Switch with 25ohm Series Resistors in Outputs
FST162861 FAIRCHILD-FST162861 Datasheet
82Kb / 4P
   20-Bit Bus Switch with 25W Series Resistors in Outputs
logo
STMicroelectronics
B5S162861 STMICROELECTRONICS-B5S162861 Datasheet
197Kb / 9P
   20-BIT TWO PORT BUS SWITCH WITH 25OHM SERIES RESISTOR IN OUTPUT
logo
Fairchild Semiconductor
FST34X2245 FAIRCHILD-FST34X2245 Datasheet
361Kb / 5P
   32-Bit Bus Switch with 25??Series Resistors in Outputs
FST162245 FAIRCHILD-FST162245 Datasheet
189Kb / 4P
   16-Bit Bus Switch with 25??Series Resistors in Outputs
FSTD162861 FAIRCHILD-FSTD162861 Datasheet
173Kb / 6P
   20-Bit Bus Switch with Level Shifting and 25??Series Resistors in Outputs Preliminary
74LVTH162373 FAIRCHILD-74LVTH162373 Datasheet
86Kb / 7P
   Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs and 25ohm Series Resistors in the Outputs
74ABT2244 FAIRCHILD-74ABT2244_07 Datasheet
281Kb / 10P
   Octal Buffer/Line Driver with 25ohm Series Resistors in the Outputs
logo
Pericom Semiconductor C...
PI5C32861 PERICOM-PI5C32861 Datasheet
67Kb / 3P
   10-Bit, 2-Port Bus Switch with 25ohm Series Resistor
logo
Texas Instruments
SN74CBT16800 TI1-SN74CBT16800 Datasheet
71Kb / 5P
[Old version datasheet]   20-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com