Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTQA420025N2AS Datasheet(PDF) 6 Page - Texas Instruments

Part # PTQA420025N2AS
Description  100-W 48-V INPUT ISOLATED DC/DC CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTQA420025N2AS Datasheet(HTML) 6 Page - Texas Instruments

Back Button PTQA420025N2AS Datasheet HTML 2Page - Texas Instruments PTQA420025N2AS Datasheet HTML 3Page - Texas Instruments PTQA420025N2AS Datasheet HTML 4Page - Texas Instruments PTQA420025N2AS Datasheet HTML 5Page - Texas Instruments PTQA420025N2AS Datasheet HTML 6Page - Texas Instruments PTQA420025N2AS Datasheet HTML 7Page - Texas Instruments PTQA420025N2AS Datasheet HTML 8Page - Texas Instruments PTQA420025N2AS Datasheet HTML 9Page - Texas Instruments PTQA420025N2AS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
www.ti.com
PIN DESCRIPTIONS
Sense(+)
+VO
Adjust
Sense(−)
−VO
PTQA430xxxN
(Top View)
+VI
On/Off
1
2
3
−VI
5
6
7
4
8
PTQA430025, PTQA430033, PTQA420050
SLTS261A – MAY 2006 – REVISED DECEMBER 2006
+VI: The positive input for the module with respect to –VI. When powering the module from a –48-V telecom
central office supply, this input is connected to the primary system ground.
–VI: The negative input supply for the module, and the 0 VDC reference for the Remote On/Off input. When
powering the module from a +48-V supply, this input is connected to the 48-V return.
Remote On/Off: This input controls the On/Off status of the output voltage. It is either driven low (–VI potential),
or left open-circuit. For units identified with the NEN option, applying a logic low to this pin will enable the output.
And for units identified with the PEN option, the output will be disabled.
VO Adjust: Allows the output voltage to be trimmed by up or down between +10% and –20% of its nominal
value. The adjustment method uses a single external resistor. Connecting the resistor between VO Adjust and
–VO adjusts the output voltage lower, and placing it between VO Adjust and +VO adjusts the output higher. The
calculations for the resistance value follows industry standard formulas. For further information consult the
application note on output voltage adustment.
+VO: The positive power output with respect to –VO, which is DC isolated from the input supply pins. If a
negative output voltage is desired, +VO should be connected to the secondary circuit common and the output
taken from –VO.
–VO: The negative power output with respect to +VO, which is DC isolated from the input supply pins. This
output is normally connected to the secondary circuit common when a positive output voltage is desired.
Sense(+): Provides the converter with an output sense capability to regulate the set-point voltage directly at the
load. When used with Sense(-), the regulation circuitry will compensate for voltage drop between the converter
and the load. The pin may be left open circuit, but connecting it to +VO will improve load regulation.
Sense(–): Provides the converter with an output sense capability when used in conjunction with Sense(+) input.
For optimum output voltage accuracy this pin should always be connected to –VO.
6
Submit Documentation Feedback


Similar Part No. - PTQA420025N2AS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTQA430025 TI-PTQA430025 Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PTQA430025N2AD TI-PTQA430025N2AD Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PTQA430025N2AS TI-PTQA430025N2AS Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PTQA430025N2AZ TI-PTQA430025N2AZ Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PTQA430025P2AD TI-PTQA430025P2AD Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
More results

Similar Description - PTQA420025N2AS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTQA430025 TI-PTQA430025 Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4400 TI-PT4400 Datasheet
218Kb / 10P
[Old version datasheet]   75-W 48-V Input Isolated DC/DC Converter
PT3401C TI-PT3401C Datasheet
285Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com