Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6251A Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6251A
Description  Low Cost Multi-Chemistry Battery Charger Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6251A Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6251A Datasheet HTML 7Page - Intersil Corporation ISL6251A Datasheet HTML 8Page - Intersil Corporation ISL6251A Datasheet HTML 9Page - Intersil Corporation ISL6251A Datasheet HTML 10Page - Intersil Corporation ISL6251A Datasheet HTML 11Page - Intersil Corporation ISL6251A Datasheet HTML 12Page - Intersil Corporation ISL6251A Datasheet HTML 13Page - Intersil Corporation ISL6251A Datasheet HTML 14Page - Intersil Corporation ISL6251A Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
FN9202.2
May 10, 2006
DCIN
ACSET
VDDP
VDD
ACPRN
CHLIM
EN
ICM
ACLIM
VREF
ICOMP
VCOMP
VADJ
Q1
Q2
L
10µH
C1
10µF
C10
10µF
R1
40m
Ω
AC ADAPTER
R2
20m
Ω
R4
2.2
Ω
R5
100k
R8
130k
1%
R9
10.2k,1%
C2
0.1µF
C4
0.1µF
C3
1µF
6.8nF
C9
1µF
C8
0.1µF
ISL6251
ISL6251A
C5
10nF
FLOATING
4.2V/CELL
R6
10k
C7
1µF
R10
4.7
Ω
Battery
Pack
BAT+
SCL
SDL
TEMP
BAT-
SCL
SDL
A/D INPUT
GND
5.15A INPUT
CURRENT LIMIT
3 CELLS
HOST
R11, R12, R13
10k
D1
Optional
VDDP
D2
D3
R7: 100
Ω
CSIP
CSIN
BOOT
UGATE
PHASE
LGATE
PGND
CSOP
CSON
CELLS
GND
C11
3300pF
D4
SYSTEM LOAD
DCIN
ACSET
VDDP
VDD
ACPRN
CHLIM
EN
ICM
ACLIM
VREF
ICOMP
VCOMP
VADJ
R3: 18
Ω
C6
ISL6251
ISL6251A
Battery
Pack
BAT+
SCL
SDL
TEMP
BAT-
Battery
Pack
BAT+
SCL
SDL
TEMP
BAT-
VCC
OUTPUT
D/A OUTPUT
A/D INPUT
DIGITAL
INPUT
AVDD/VREF
CSIP
CSIN
BOOT
UGATE
PHASE
LGATE
PGND
CSOP
CSON
CELLS
GND
FIGURE 13. ISL6251, ISL6251A TYPICAL APPLICATION CIRCUIT WITH MICRO-CONTROLLER
ISL6251, ISL6251A


Similar Part No. - ISL6251A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6251AHAZ INTERSIL-ISL6251AHAZ Datasheet
593Kb / 20P
   Low Cost Multi-Chemistry Battery Charger Controller
logo
Renesas Technology Corp
ISL6251AHAZ RENESAS-ISL6251AHAZ Datasheet
988Kb / 20P
   Low Cost Multi-Chemistry Battery Charger Controller
logo
Intersil Corporation
ISL6251AHAZ-T INTERSIL-ISL6251AHAZ-T Datasheet
593Kb / 20P
   Low Cost Multi-Chemistry Battery Charger Controller
ISL6251AHRZ INTERSIL-ISL6251AHRZ Datasheet
593Kb / 20P
   Low Cost Multi-Chemistry Battery Charger Controller
ISL6251AHRZ INTERSIL-ISL6251AHRZ Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
More results

Similar Description - ISL6251A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6251 INTERSIL-ISL6251 Datasheet
593Kb / 20P
   Low Cost Multi-Chemistry Battery Charger Controller
logo
Renesas Technology Corp
ISL6251 RENESAS-ISL6251 Datasheet
988Kb / 20P
   Low Cost Multi-Chemistry Battery Charger Controller
logo
Shanghai Consonance Ele...
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
   Multi-Chemistry Battery Charger
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
   Multi-Chemistry Battery Charger
logo
Texas Instruments
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
logo
Linear Technology
LTC4009-2 LINER-LTC4009-2_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009 LINER-LTC4009_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009-1 LINER-LTC4009-1_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com