Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD1040D Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1040D
Description  LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD1040D Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65HVD1040D Datasheet HTML 7Page - Texas Instruments SN65HVD1040D Datasheet HTML 8Page - Texas Instruments SN65HVD1040D Datasheet HTML 9Page - Texas Instruments SN65HVD1040D Datasheet HTML 10Page - Texas Instruments SN65HVD1040D Datasheet HTML 11Page - Texas Instruments SN65HVD1040D Datasheet HTML 12Page - Texas Instruments SN65HVD1040D Datasheet HTML 13Page - Texas Instruments SN65HVD1040D Datasheet HTML 14Page - Texas Instruments SN65HVD1040D Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
www.ti.com
DEVICE INFORMATION
SN65HVD1040
SLLS631B – MARCH 2007 – REVISED APRIL 2007
Table 4. Parametric Cross Reference With the TJA1040
TJA1040(1)
PARAMETER
HVD10xx
TJA1040 DRIVER SECTION
VIH
High-level input voltage
Recommended VIH
VIL
Low-level input voltage
Recommended VIL
IIH
High-level input current
Driver IIH
IIL
Low-level input current
Driver IIL
TJA1040 BUS SECTION
Vth(dif)
Differential input voltage
Receiver VIT and recommended VID
Vhys(dif)
Differential input hysteresis
Receiver Vhys
VO(dom)
Dominant output voltage
Driver VO(D)
VO(reces)
Recessive output voltage
Driver VO(R)
Vi(dif)(th)
Differential input voltage
Receiver VIT and recommended VID
VO(dif0(bus)
Differential bus voltage
Driver VOD(D) and VOD(R)
ILI
Power-off bus input current
Receiver II(off)
IO(SC)
Short-circuit output current
Driver IOS(SS)
Ri(cm)
CANH, CANL input resistance
Receiver RIN
Ri(def)
Differential input resistance
Receiver RID
Ri(cm) (m)
Input resistance matching
Receiver RI (m)
Ci(cm)
Input capacitance to ground
Receiver CI
Ci(dif)
Differential input capacitance
Receiver CID
TJA1040 RECEIVER SECTION
IOH
High-level output current
Recommended IOH
IOL
Low-level output current
Recommended IOL
TJA1040 SPLIT PIN SECTION
VO
Reference output voltage
VO
TJA1040 TIMING SECTION
td(TXD-BUSon)
Delay TXD to bus active
Driver tPLH
td(TXD-BUSoff)
Delay TXD to bus inactive
Driver tPHL
td(BUSon-RXD)
Delay bus active to RXD
Receiver tPHL
td(BUSoff-RXD)
Delay bus inactive to RXD
Receiver tPLH
tPD(TXD–RXD)
Prop delay TXD to RXD
Device tLOOP1 and tLOOP2
td(stb-norm)
Enable time from standby to dominant
Driver ten
TJA1040 STB PIN SECTION
VIH
High-level input voltage
Recommended VIH
VIL
Low-level input voltage
Recommended VIL
IIH
High-level input current
IIH
IIL
Low-level input current
IIL
(1)
From TJA1040 Product Specification, Philips Semiconductors, 2003 February 19.
11
Submit Documentation Feedback


Similar Part No. - SN65HVD1040D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1040 TI1-SN65HVD1040 Datasheet
454Kb / 26P
[Old version datasheet]   LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
SN65HVD1040-HT TI1-SN65HVD1040-HT Datasheet
454Kb / 26P
[Old version datasheet]   LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
SN65HVD1040-Q1 TI-SN65HVD1040-Q1 Datasheet
350Kb / 16P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1040-Q1 TI1-SN65HVD1040-Q1 Datasheet
454Kb / 26P
[Old version datasheet]   LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1 Datasheet
359Kb / 17P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
More results

Similar Description - SN65HVD1040D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1040-HT TI1-SN65HVD1040-HT Datasheet
454Kb / 26P
[Old version datasheet]   LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
logo
Infineon Technologies A...
TLE6251D INFINEON-TLE6251D_16 Datasheet
773Kb / 27P
   High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.1 2016-06-06
TLE6251DS INFINEON-TLE6251DS Datasheet
571Kb / 22P
   High Speed CAN-Transceiver with Bus wake-up
Rev. 3.1, Aug. 2007
TLE8251V INFINEON-TLE8251V Datasheet
1Mb / 35P
   High Speed CAN Transceiver with Bus Wake-up
Rev. 1.0 2016-07-15
TLE7251V INFINEON-TLE7251V_15 Datasheet
2Mb / 36P
   High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.0, 2015-09-10
TLE6251D INFINEON-TLE6251D_12 Datasheet
1Mb / 27P
   High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.0, 2012-07-27
IFX1040 INFINEON-IFX1040 Datasheet
1Mb / 20P
   High Speed CAN-Transceiver with Stand-By Mode and Bus wake-up
Rev. 1.0, 2011-11-4
TLE6251G INFINEON-TLE6251G Datasheet
342Kb / 31P
   High Speed CAN-Transceiver with Wake Detection
Rev. 3.2, Apr. 2006
TLE6251G INFINEON-TLE6251G_08 Datasheet
1Mb / 32P
   High Speed CAN-Transceiver with Wake Detection
Rev. 3.3, June 2008
logo
ON Semiconductor
NCV7343 ONSEMI-NCV7343 Datasheet
246Kb / 23P
   CAN FD Transceiver, Low Power, with INH, WAKE and Error Detection
February, 2021 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com