Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PTQA430025_0612 Datasheet(PDF) 3 Page - Texas Instruments

Part No. PTQA430025_0612
Description  100-W 48-V INPUT ISOLATED DC/DC CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

PTQA430025_0612 Datasheet(HTML) 3 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS PTQA430025
PTQA430025, PTQA430033, PTQA420050
SLTS261A – MAY 2006 – REVISED DECEMBER 2006
(Unless otherwise stated, T
A =25°C, VI = 48 V, VO = 2.5 V, CO = 0 µF, and IO = IOmax)
PTQA430025
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO
Output Current
Over VI range
0
30
A
VI
Input Voltage Range
Over IO Range
36
48
75
V
VO tol
Set Point Voltage
±1(1)
%VO
Tolerance
Regtemp Temperature Variation
–40
°C >T
A > 85°C
±1.15
%VO
Regline
Line Regulation
Over VI range
±5
mV
Regload Load Regulation
Over IO range
±5
mV
∆V
otot
Total Output Voltage
Includes set-point, line, load, –40
°C >T
A > 85°C
±1.5
±3 %V
O
Variation
∆V
ADJ
Output Adjust Range
PO≤ 75 W
–20
10
%VO
η
Efficiency
IO = 50% IOmax
91%
VR
VO Ripple (pk-pk)
20 MHz bandwidth
50
100
mVpp
ttr
0.1 A/
µs slew rate, 50% to 75% I
Omax
150
µs
Transient Response
∆V
tr
VO over/undershoot
25
mV
ITRIP
Overcurrent Threshold
Shutdown, followed by auto-recovery
41
A
OVP
Output Overvoltage
Output shutdown and latch off
120
%VO
Protection
OTP
Over Temperature
Temperature Measurement at thermal sensor. Hysteresis = 10
°C
105
° C
Protection
nominal.
fs
Switching Frequency
Over VI range
300
kHz
VOFF
VI decreasing, IO = 6 A
32.5
UVLO
Undervoltage Lockout
V
VHYS
Hysteresis
1.5
On/Off Input: Negative Enable
VIH
Input High Voltage
2.4
Open(2)
Referenced to –VI
V
VIL
Input Low Voltage
–0.2
0.8
IIL
Input Low Current
–0.3
mA
On/Off Input: Positive Enable
VIH
Input High Voltage
4.5
Open(2)
Referenced to –VI
V
VIL
Input Low Voltage
–0.2
0.8
IIL
Input Low Current
–0.5
mA
IISB
Standby Input Current
Output disabled (pin 2 status set to Off)
37
mA
CI
External Input Capacitance
Between +VI and –VI
100
µF
CO
External Output
Between +VO and –VO
0
30000
µF
Capacitance
Isolation Voltage
Input-to-output and input-to-case
1500
Vdc
Isolation Capacitance
Input-to-output
1200
pF
Isolation Resistance
Input-to-output
10
M
(1)
If Sense(–) is not used, pin 5 must be connected to pin 4 for optimum output voltage accuracy.
(2)
The Remote On/Off input has an internal pull-up and may be controlled with an open collector (drain) interface. An open circuit
correlates to a logic high. Consult the application notes for interface considerations.
3
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn