Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA204AIDGSRG4 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # INA204AIDGSRG4
Description  Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA204AIDGSRG4 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  INA204AIDGSRG4 Datasheet HTML 1Page - Burr-Brown (TI) INA204AIDGSRG4 Datasheet HTML 2Page - Burr-Brown (TI) INA204AIDGSRG4 Datasheet HTML 3Page - Burr-Brown (TI) INA204AIDGSRG4 Datasheet HTML 4Page - Burr-Brown (TI) INA204AIDGSRG4 Datasheet HTML 5Page - Burr-Brown (TI) INA204AIDGSRG4 Datasheet HTML 6Page - Burr-Brown (TI) INA204AIDGSRG4 Datasheet HTML 7Page - Burr-Brown (TI) INA204AIDGSRG4 Datasheet HTML 8Page - Burr-Brown (TI) INA204AIDGSRG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: COMPARATOR
Hysteresis=V
THRESHOLD - 8mV
V
THRESHOLD
InputVoltage
0.592
0.6
a)
CMP1
Hysteresis=V
THRESHOLD - 8mV
V
THRESHOLD
InputVoltage
0.608
0.6
b)
CMP2
INA203
INA204
INA205
SBOS393 – MARCH 2007
Boldface limits apply over the specified temperature range: T
A = –40°C to +125°C.
At T
A = +25°C, VS = +12V, VCM = +12V, VSENSE = 100mV, RL = 10kΩ to GND, and RPULL-UP = 5.1kΩ each connected from
CMP1 OUT and CMP2 OUT to V
S, unless otherwise noted.
INA203, INA204, INA205
COMPARATOR PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Offset Voltage
Comparator Common-Mode Voltage = Threshold Voltage
2
mV
Offset Voltage Drift, Comparator 1
±2
µV/°C
Offset Voltage Drift, Comparator 2
+5.4
µV/°C
Threshold
TA = +25°C
590
600
610
mV
Over Temperature
586
614
mV
Hysteresis(1), CMP1
TA = –40°C to +85°C
–8
mV
Hysteresis(1), CMP2
TA = –40°C to +85°C
8
mV
INPUT BIAS CURRENT(2)
CMP1 IN+, CMP2 IN+
0.005
10
nA
vs Temperature
15
nA
INPUT IMPEDANCE
Pins 3 and 6 (14-pin packages only)
10
k
INPUT RANGE
CMP1 IN+ and CMP2 IN+
0V to VS – 1.5V
V
Pins 3 and 6 (14-pin packages only)(3)
0V to VS – 1.5V
V
OUTPUT
Large-Signal Differential Voltage Gain
CMP VOUT 1V to 4V, RL ≥ 15kΩ Connected to 5V
200
V/mV
High-Level Output Current
VID = 0.4V, VOH = VS
0.0001
1
µA
Low-Level Output Voltage
VID = –0.6V, IOL = 2.35mA
220
300
mV
RESPONSE TIME(4)
Comparator 1
RL to 5V, CL = 15pF, 100mV Input Step with 5mV Overdrive
1.3
µs
RL to 5V, CL = 15pF, 100mV Input Step with 5mV Overdrive,
Comparator 2
1.3
µs
CDELAY Pin Open
RESET
RESET Threshold(5)
1.1
V
Logic Input Impedance
2
M
Minimum RESET Pulse Width
1.5
µs
RESET Propagation Delay
3
µs
Comparator 2 Delay Equation(6)
CDELAY = tD/5
µF
Comparator 2 Delay
tD
CDELAY = 0.1µF
0.5
s
(1)
Hysteresis refers to the threshold (the threshold specification applies to a rising edge of a noninverting input) of a falling edge on the
noninverting input of the comparator; refer to Figure 1.
(2)
Specified by design; not production tested.
(3)
See the Comparator Maximum Input Voltage Range section in the Applications Information.
(4)
The comparator response time specified is the interval between the input step function and the instant when the output crosses 1.4V.
(5)
The CMP1 RESET input has an internal 2M
Ω (typical) pull-down. Leaving the CMP1 RESET open results in a LOW state, with
transparent comparator operation.
(6)
The Comparator 2 delay applies to both rising and falling edges of the comparator output.
Figure 1. Comparator Hysteresis
4
Submit Documentation Feedback


Similar Part No. - INA204AIDGSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA204AIDGSRG4 TI1-INA204AIDGSRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
More results

Similar Description - INA204AIDGSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA203-Q1 TI-INA203-Q1_15 Datasheet
647Kb / 24P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA206 TI1-INA206 Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203-Q1 TI1-INA203-Q1 Datasheet
701Kb / 23P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203 TI1-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA206 TI-INA206_15 Datasheet
1Mb / 39P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203 TI-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA270 TI1-INA270_14 Datasheet
816Kb / 26P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor
INA206 TI-INA206 Datasheet
433Kb / 23P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Dual Comparators
INA271-HT TI-INA271-HT Datasheet
335Kb / 18P
[Old version datasheet]   VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
logo
Burr-Brown (TI)
INA270 BURR-BROWN-INA270 Datasheet
295Kb / 13P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com