Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA270AIDRG4 Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # INA270AIDRG4
Description  Voltage Output, Unidirectional Measurement Current-Shunt Monitor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA270AIDRG4 Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button INA270AIDRG4 Datasheet HTML 7Page - Burr-Brown (TI) INA270AIDRG4 Datasheet HTML 8Page - Burr-Brown (TI) INA270AIDRG4 Datasheet HTML 9Page - Burr-Brown (TI) INA270AIDRG4 Datasheet HTML 10Page - Burr-Brown (TI) INA270AIDRG4 Datasheet HTML 11Page - Burr-Brown (TI) INA270AIDRG4 Datasheet HTML 12Page - Burr-Brown (TI) INA270AIDRG4 Datasheet HTML 13Page - Burr-Brown (TI) INA270AIDRG4 Datasheet HTML 14Page - Burr-Brown (TI) INA270AIDRG4 Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
www.ti.com
Low VSENSE Case 2: VSENSE < 20mV, 0V ≤ VCM ≤ VS
SHUTDOWN
RFI/EMI
0.48
0.48
0.40
0.36
0.32
0.28
0.24
0.20
0.16
0.12
0.08
0.04
0
0
2
4
6
8
10
12
14
16
18
20
22
V
(mV)
SENSE
24
INA271V
OUT Limit
(1)
V
CM2
V
CM1
V
CM3
V
CM4
V
,V
CM2
CM3
CM4
,andV
illustratethevariance
fromparttopartoftheV
thatcancause
CM
maximumV
withV
<20mV.
OUT
SENSE
V
limitatV
=0mV,
OUT
SENSE
0
V
£
CM1
S
£ V
NOTE:(1)INA271V
Limit=0.4V.INA270V
Limit=0.28V.
OUT
OUT
Ideal
INA270
INA271
SBOS381A – FEBRUARY 2007 – REVISED APRIL 2007
This region of operation is the least accurate for the
The INA270 and INA271 do not provide a shutdown
INA270
family.
To
achieve
the
wide
input
pin; however, because they consume a quiescent
common-mode voltage range, these devices use two
current less than 1mA, they can be powered by
op amp front ends in parallel. One op amp front end
either the output of logic gates or by transistor
operates in the positive input common-mode voltage
switches to supply power. Driving the gate low shuts
range, and the other in the negative input region. For
down the INA270–INA271. Use a totem-pole output
this case, neither of these two internal amplifiers
buffer or gate that can provide sufficient drive along
dominates and overall loop gain is very low. Within
with 0.1
µF bypass capacitor, preferably ceramic with
this region, VOUT approaches voltages close to linear
good
high-frequency
characteristics.
This
gate
operation levels for Normal Case 2.
should have a supply voltage of 3V or greater
because the INA270 and INA271 require a minimum
This
deviation
from
linear
operation
becomes
supply greater than 2.7V. In addition to eliminating
greatest the closer VSENSE approaches 0V. Within
quiescent current, this gate also turns off the 10
µA
this region, as VSENSE approaches 20mV, device
bias current present at each of the inputs. Note that
operation is closer to that described by Normal Case
the IN+ and IN– inputs are able to withstand full
2. Figure 18 illustrates this behavior for the INA271.
common-mode
voltage
under
all
powered
and
The VOUT maximum peak for this case is determined
under-powered conditions. An example shutdown
by maintaining a constant VS, setting VSENSE = 0mV,
circuit is illustrated in Figure 19.
and sweeping VCM from 0V to VS. The exact VCM at
which VOUT peaks during this case varies from part to
part. The maximum peak voltage for the INA270 is
0.28V; for the INA271, the maximum peak voltage is
Attention
to
good
layout
practices
is
always
0.4V.
recommended.
Keep
traces
short
and,
when
possible, use a printed circuit board (PCB) ground
plane with surface-mount components placed as
close to the device pins as possible. Small ceramic
capacitors placed directly across amplifier inputs can
reduce RFI/EMI sensitivity. PCB layout should locate
the amplifier as far away as possible from RFI
sources. Sources can include other components in
the same system as the amplifier itself, such as
inductors (particularly switched inductors handling a
lot of current and at high frequencies). RFI can
generally be identified as a variation in offset voltage
or dc signal levels with changes in the interfering RF
signal. If the amplifier cannot be located away from
sources of radiation, shielding may be needed.
Twisting wire input leads makes them more resistant
to RF fields. The difference in input pin location of
the INA270 and INA271 versus the INA193–INA198
may provide different EMI performance.
Figure 18. Example for Low VSENSE Case 2
(INA271, Gain = 20)
11
Submit Documentation Feedback


Similar Part No. - INA270AIDRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA270AIDR BURR-BROWN-INA270AIDR Datasheet
295Kb / 13P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
logo
Texas Instruments
INA270AIDR TI1-INA270AIDR Datasheet
816Kb / 26P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor
More results

Similar Description - INA270AIDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA271-HT TI-INA271-HT Datasheet
335Kb / 18P
[Old version datasheet]   VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
logo
Burr-Brown (TI)
INA270 BURR-BROWN-INA270 Datasheet
295Kb / 13P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
logo
Texas Instruments
INA270 TI-INA270_15 Datasheet
746Kb / 26P
[Old version datasheet]   INA27x Voltage Output, Unidirectional Measurement Current-Shunt Monitor
INA270 TI1-INA270_14 Datasheet
816Kb / 26P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor
INA270A-Q1 TI1-INA270A-Q1 Datasheet
380Kb / 16P
[Old version datasheet]   VOLTAGE-OUTPUT UNIDIRECTIONAL-MEASUREMENT CURRENT-SHUNT MONITORS
logo
Burr-Brown (TI)
INA203 BURR-BROWN-INA203 Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
logo
Texas Instruments
INA203-Q1 TI-INA203-Q1_15 Datasheet
647Kb / 24P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA206 TI1-INA206 Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203-Q1 TI1-INA203-Q1 Datasheet
701Kb / 23P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203 TI1-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com