Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSLV16211 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSLV16211
Description  24-Bit Bus Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSLV16211 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSLV16211_07 Datasheet HTML 1Page - Fairchild Semiconductor FSLV16211_07 Datasheet HTML 2Page - Fairchild Semiconductor FSLV16211_07 Datasheet HTML 3Page - Fairchild Semiconductor FSLV16211_07 Datasheet HTML 4Page - Fairchild Semiconductor FSLV16211_07 Datasheet HTML 5Page - Fairchild Semiconductor FSLV16211_07 Datasheet HTML 6Page - Fairchild Semiconductor FSLV16211_07 Datasheet HTML 7Page - Fairchild Semiconductor FSLV16211_07 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
© 2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSLV16211 Rev. 1.0.1
4
DC Electrical Characteristics
Not all conditions may appear on all switch types.
TA = -40°C to +85°C
Symbol
Parameter
Conditions
VCC (V)
Min.
Typ.
Max.
Units
VIK
Clamp Diode Voltage
IIN = -18mA
3.0
-1.2
V
2.3-2.7
1.7
VIH
HIGH Level Control Input
Voltage
2.7-3.6
2.0
V
2.3-2.7
0.7
VIL
LOW Level Control Input
Voltage
2.7-3.6
0.8
V
Force VI = 3.6V,
IOUT = 0.0A
2.3
10.0
Force VI = 3.6V
0.0
10.0
IL
Input Leakage Current
0
≤ VIN ≤ 3.6V
3.6
1.0
µA
ICC
Quiescent Supply Current
VIN = VCC or GND,
IOUT = 0A
3.6
10.0
µA
∆ICC
Increase in ICC per Input
One Input at 3V Other
Inputs at VCC or GND
3.6
300.0
µA
IOZ
Off-State Leakage
0.0
≤ A, B ≤ 3.6V
3.6
-1.0
1.0
µA
IIN = 64mA, VI = 0.0V
3.0
5.0
7.0
IIN = 30mA, VI = 0.0V
3.0
5.0
7.0
IIN = 15mA, VI = 2.4V
3.0
10.0
15.0
IIN = 15mA, VI = 3.0V
2.3
20.0
IIN = 64mA, VI = 0.0V
2.3
5.0
8.0
IIN = 30mA, VI = 0.0V
2.3
5.0
8.0
IIN = 15mA, VI = 1.7V
2.3
10.0
15.0
RON
Switch On Resistance
IIN = 15mA, VI = 2.0V
2.3
20.0
Ω
AC Electrical Characteristics
TA=-40°C to +85°C
TA=40°C to +85°C
CL=30pF, RL=500Ω
CL=50pF, RL=500Ω
VCC = 2.5V ± 0.20V
VCC=3.3V ± 0.30V
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
tPHL, tPLH
Propagation Delay
(3)
0.15
0.25
ns
tPHZ, tPLZ
Enable Time
0.5
4.7
1.0
7.0
ns
tPZH, tPZL
Disable Time
0.5
5.1
1.0
5.5
ns
Note:
3.
This parameter is guaranteed by design, but is not production tested. The bus switch contributes no propagation
delay other than the RC delay of the typical on resistance of the switch and the load capacitance, when driven by
an ideal voltage source (zero output impedance).


Similar Part No. - FSLV16211_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSLV16211MTDX ONSEMI-FSLV16211MTDX Datasheet
431Kb / 9P
   24-Bit Bus Switch
October 2010 Rev. 1.0.2
logo
Fairchild Semiconductor
FSLV16211MTDX FAIRCHILD-FSLV16211MTDX_10 Datasheet
298Kb / 7P
   24-Bit Bus Switch
FSLV16211 FAIRCHILD-FSLV16211_10 Datasheet
298Kb / 7P
   24-Bit Bus Switch
More results

Similar Description - FSLV16211_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSLV16211 FAIRCHILD-FSLV16211 Datasheet
239Kb / 6P
   24-Bit Bus Switch
logo
Pericom Semiconductor C...
PI5C16211AEX PERICOM-PI5C16211AEX Datasheet
467Kb / 4P
   24-Bit Bus Switch
logo
ON Semiconductor
FST16211 ONSEMI-FST16211 Datasheet
392Kb / 9P
   24-Bit Bus Switch
Revised July 2002
logo
Nexperia B.V. All right...
74CBTLV1621 NEXPERIA-74CBTLV1621 Datasheet
374Kb / 18P
   24-bit bus switch
74CBTLV16211 NEXPERIA-74CBTLV16211 Datasheet
373Kb / 18P
   24-bit bus switch
Rev. 7 - 9 November 2016
logo
Fairchild Semiconductor
FST16211 FAIRCHILD-FST16211 Datasheet
287Kb / 8P
   24-Bit Bus Switch
logo
NXP Semiconductors
74CBTLV16211 PHILIPS-74CBTLV16211_15 Datasheet
158Kb / 16P
   24-bit bus switch
Rev. 6-15 December 2011
logo
Texas Instruments
SN74CBT16211 TI-SN74CBT16211 Datasheet
68Kb / 5P
[Old version datasheet]   24-BIT BUS SWITCH
logo
Pericom Semiconductor C...
PI5C16211 PERICOM-PI5C16211 Datasheet
115Kb / 3P
   24-Bit Bus Switch
logo
ON Semiconductor
FSLV16211 ONSEMI-FSLV16211 Datasheet
431Kb / 9P
   24-Bit Bus Switch
October 2010 Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com