Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA270AID Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA270AID
Description  Voltage Output, Unidirectional Measurement Current-Shunt Monitor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA270AID Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button INA270AID Datasheet HTML 6Page - Burr-Brown (TI) INA270AID Datasheet HTML 7Page - Burr-Brown (TI) INA270AID Datasheet HTML 8Page - Burr-Brown (TI) INA270AID Datasheet HTML 9Page - Burr-Brown (TI) INA270AID Datasheet HTML 10Page - Burr-Brown (TI) INA270AID Datasheet HTML 11Page - Burr-Brown (TI) INA270AID Datasheet HTML 12Page - Burr-Brown (TI) INA270AID Datasheet HTML 13Page - Burr-Brown (TI) INA270AID Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
www.ti.com
Normal Case 2: VSENSE ≥ 20mV, VCM < VS
ACCURACY VARIATIONS AS A RESULT OF
Low
VSENSE
Case
1:
Normal Case 1: VSENSE ≥ 20mV, VCM ≥ VS
G=
V
V
-
OUT1
OUT2
100mV
20mV
-
(1)
V
RTI(Referred-To-Input)=
OS
V
OUT1
G
- 100mV
(2)
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
2
4
6
8
10
12
14
16
18
V
(mV)
SENSE
20
Actual
Ideal
INA270
INA271
SBOS381A – FEBRUARY 2007 – REVISED APRIL 2007
V
SENSE AND COMMON-MODE VOLTAGE
This region of operation has slightly less accuracy
than Normal Case 1 as a result of the common-mode
The accuracy of the INA270 and INA271 current
operating area in which the part functions, as seen in
shunt monitors is a function of two main variables:
the Output Error vs Common-Mode Voltage curve
VSENSE (VIN+ – VIN–) and common-mode voltage,
(Figure 6). As noted, for this graph VS = 12V; for VCM
VCM, relative to the supply voltage, VS. VCM is
< 12V, the Output Error increases as VCM becomes
expressed as (VIN+ + VIN–)/2; however, in practice,
less than 12V, with a typical maximum error of
VCM is seen as the voltage at VIN+ because the
0.005% at the most negative VCM = –16V.
voltage drop across VSENSE is usually small.
This section addresses the accuracy of these
specific operating regions:
VSENSE < 20mV, –16V ≤ VCM < 0; and
Low
VSENSE
Case
3:
Normal Case 1: VSENSE ≥ 20mV, VCM ≥ VS
VSENSE < 20mV, VS < VCM ≤ 80V
Normal Case 2: VSENSE ≥ 20mV, VCM < VS
Although the INA270 family of devices are not
Low VSENSE Case 1:
designed for accurate operation in either of these
VSENSE < 20mV, –16V ≤ VCM < 0
regions, some applications are exposed to these
Low VSENSE Case 2:
conditions. For example, when monitoring power
VSENSE < 20mV, 0V ≤ VCM ≤ VS
supplies that are switched on and off while VS is still
applied to the INA270 or INA271, it is important to
Low VSENSE Case 3:
know what the behavior of the devices will be in
VSENSE < 20mV, VS < VCM ≤ 80V
these regions.
As VSENSE approaches 0mV, in these VCM regions,
the
device
output
accuracy
degrades.
A
This
region
of
operation
provides
the
highest
larger-than-normal offset can appear at the current
accuracy.
Here,
the
input
offset
voltage
is
shunt monitor output with a typical maximum value of
characterized
and
measured
using
a
two-step
VOUT = 60mV for VSENSE = 0mV. As VSENSE
method. First, the gain is determined by Equation 1.
approaches 20mV, VOUT returns to the expected
output value with accuracy as specified in the
Electrical Characteristics. Figure 17 shows this effect
using the INA271 (Gain = 20).
where:
VOUT1 = Output Voltage with VSENSE = 100mV
VOUT2 = Output Voltage with VSENSE = 20mV
Then the offset voltage is measured at VSENSE =
100mV and referred to the input (RTI) of the current
shunt monitor, as shown in Equation 2.
In the Typical Characteristics, the Output Error vs
Common-Mode Voltage curve (Figure 6) shows the
highest accuracy for the this region of operation. In
this plot, VS = 12V; for VCM ≥ 12V, the output error is
at its minimum. This case is also used to create the
VSENSE ≥ 20mV output specifications in the Electrical
Characteristics table.
Figure 17. Example for Low VSENSE Cases 1 and 3
(INA271, Gain = 20)
10
Submit Documentation Feedback


Similar Part No. - INA270AID

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA270AID BURR-BROWN-INA270AID Datasheet
295Kb / 13P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
logo
Texas Instruments
INA270AID TI1-INA270AID Datasheet
816Kb / 26P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor
logo
Burr-Brown (TI)
INA270AIDR BURR-BROWN-INA270AIDR Datasheet
295Kb / 13P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
logo
Texas Instruments
INA270AIDR TI1-INA270AIDR Datasheet
816Kb / 26P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor
More results

Similar Description - INA270AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA271-HT TI-INA271-HT Datasheet
335Kb / 18P
[Old version datasheet]   VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
logo
Burr-Brown (TI)
INA270 BURR-BROWN-INA270 Datasheet
295Kb / 13P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
logo
Texas Instruments
INA270 TI-INA270_15 Datasheet
746Kb / 26P
[Old version datasheet]   INA27x Voltage Output, Unidirectional Measurement Current-Shunt Monitor
INA270 TI1-INA270_14 Datasheet
816Kb / 26P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor
INA270A-Q1 TI1-INA270A-Q1 Datasheet
380Kb / 16P
[Old version datasheet]   VOLTAGE-OUTPUT UNIDIRECTIONAL-MEASUREMENT CURRENT-SHUNT MONITORS
logo
Burr-Brown (TI)
INA203 BURR-BROWN-INA203 Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
logo
Texas Instruments
INA203-Q1 TI-INA203-Q1_15 Datasheet
647Kb / 24P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA206 TI1-INA206 Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203-Q1 TI1-INA203-Q1 Datasheet
701Kb / 23P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203 TI1-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com