Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA271AIDR Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA271AIDR
Description  Voltage Output, Unidirectional Measurement Current-Shunt Monitor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA271AIDR Datasheet(HTML) 1 Page - Burr-Brown (TI)

  INA271AIDR Datasheet HTML 1Page - Burr-Brown (TI) INA271AIDR Datasheet HTML 2Page - Burr-Brown (TI) INA271AIDR Datasheet HTML 3Page - Burr-Brown (TI) INA271AIDR Datasheet HTML 4Page - Burr-Brown (TI) INA271AIDR Datasheet HTML 5Page - Burr-Brown (TI) INA271AIDR Datasheet HTML 6Page - Burr-Brown (TI) INA271AIDR Datasheet HTML 7Page - Burr-Brown (TI) INA271AIDR Datasheet HTML 8Page - Burr-Brown (TI) INA271AIDR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
BurrBrown Products
from Texas Instruments
INA270
INA271
FEATURES
DESCRIPTION
APPLICATIONS
A1
A2
Single-PoleFilter
Capacitor
+2.7Vto+18V
5kW
5kW
96kW
R
L
PREOUT
BUFIN
GND
OUT
IN-
IN+
V+
Load
-16Vto+80V
Supply
R
S
INA270
INA270
INA271
SBOS381A – FEBRUARY 2007 – REVISED APRIL 2007
Voltage Output, Unidirectional Measurement
Current-Shunt Monitor
• WIDE COMMON-MODE RANGE: –16V to +80V
The INA270 and INA271 family of current-shunt
monitors with voltage output can sense drops across
• CMRR: 120dB
current shunts at common-mode voltages from –16V
• ACCURACY:
to +80V, independent of the supply voltage. The
±2.5mV offset (max)
INA270 and INA271 pinouts readily enable filtering.
±1% gain error (max)
The INA270 and INA271 are available with two
20
µV/°C offset drift (max)
output voltage scales: 14V/V and 20V/V. The 130kHz
55ppm/
°C gain drift (max)
bandwidth simplifies use in current-control loops.
• BANDWIDTH: Up to 130kHz
The INA270 and INA271 operate from a single +2.7V
• TWO TRANSFER FUNCTIONS AVAILABLE:
to +18V supply, drawing a maximum of 900
µA of
14V/V (INA270)
supply current. They are specified over the extended
20V/V (INA271)
operating temperature range of –40
°C to +125°C and
• QUIESCENT CURRENT: 900µA (max)
are offered in an SO-8 package.
• POWER SUPPLY: +2.7V to +18V
• PROVISION FOR FILTERING
• POWER MANAGEMENT
• AUTOMOTIVE
• TELECOM EQUIPMENT
• NOTEBOOK COMPUTERS
• BATTERY CHARGERS
• CELL PHONES
• WELDING EQUIPMENT
DEVICE COMPARISON
DEVICE
GAIN
INA270
14V/V
INA271
20V/V
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - INA271AIDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA271AIDR BURR-BROWN-INA271AIDR Datasheet
295Kb / 13P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
logo
Texas Instruments
INA271AIDR TI1-INA271AIDR Datasheet
816Kb / 26P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor
INA271AIDRG4 TI1-INA271AIDRG4 Datasheet
816Kb / 26P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor
More results

Similar Description - INA271AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA271-HT TI-INA271-HT Datasheet
335Kb / 18P
[Old version datasheet]   VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
logo
Burr-Brown (TI)
INA270 BURR-BROWN-INA270 Datasheet
295Kb / 13P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
logo
Texas Instruments
INA270 TI-INA270_15 Datasheet
746Kb / 26P
[Old version datasheet]   INA27x Voltage Output, Unidirectional Measurement Current-Shunt Monitor
INA270 TI1-INA270_14 Datasheet
816Kb / 26P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor
INA270A-Q1 TI1-INA270A-Q1 Datasheet
380Kb / 16P
[Old version datasheet]   VOLTAGE-OUTPUT UNIDIRECTIONAL-MEASUREMENT CURRENT-SHUNT MONITORS
logo
Burr-Brown (TI)
INA203 BURR-BROWN-INA203 Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
logo
Texas Instruments
INA203-Q1 TI-INA203-Q1_15 Datasheet
647Kb / 24P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA206 TI1-INA206 Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203-Q1 TI1-INA203-Q1 Datasheet
701Kb / 23P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203 TI1-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com