Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA204AIDGSR Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA204AIDGSR
Description  Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA204AIDGSR Datasheet(HTML) 2 Page - Burr-Brown (TI)

  INA204AIDGSR Datasheet HTML 1Page - Burr-Brown (TI) INA204AIDGSR Datasheet HTML 2Page - Burr-Brown (TI) INA204AIDGSR Datasheet HTML 3Page - Burr-Brown (TI) INA204AIDGSR Datasheet HTML 4Page - Burr-Brown (TI) INA204AIDGSR Datasheet HTML 5Page - Burr-Brown (TI) INA204AIDGSR Datasheet HTML 6Page - Burr-Brown (TI) INA204AIDGSR Datasheet HTML 7Page - Burr-Brown (TI) INA204AIDGSR Datasheet HTML 8Page - Burr-Brown (TI) INA204AIDGSR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
INA203
INA204
INA205
SBOS393 – MARCH 2007
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
ORDERING INFORMATION(1)
EXTERNAL
INTERNAL
COMP1 AND
COMP1 AND
COMP2
PACKAGE-
PACKAGE
PACKAGE
1.2V
COMP2
COMP2
DELAY
PRODUCT
GAIN
LEAD
DESIGNATOR
MARKING
REF OUT
REF INPUTS
0.6V REF
PIN
SO-14(2)
D
INA203A
X
X
X
X
INA203
20V/V
MSOP-10
DGS
BQN
X
TSSOP-14(2)
PW
INA203A
X
X
X
X
SO-14(2)
D
INA204A
X
X
X
X
INA204
50V/V
MSOP-10
DGS
BQO
X
TSSOP-14(2)
PW
INA204A
X
X
X
X
SO-14(2)
D
INA205A
X
X
X
X
INA205
100V/V
MSOP-10
DGS
BQP
X
TSSOP-14(2)
PW
INA205A
X
X
X
X
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Available Q3, 2007.
VALUE
UNIT
Supply Voltage, V+
18
V
Current-Shunt Monitor Analog Inputs, VIN+and VIN–:
Differential (VIN+) – (VIN–)
–18 to +18
V
Common-Mode
–16 to +80
V
Comparator Analog Input and Reset Pins
GND – 0.3 to (V+) + 0.3
V
Analog Output, Out Pin
GND – 0.3 to (V+) + 0.3
V
Comparator Output, Out Pin
GND – 0.3 to 18
V
VREF and CMP2 Delay Pin
GND – 0.3 to 10
V
Input Current Into Any Pin
5
mA
Operating Temperature
–55 to +150
°C
Storage Temperature
–65 to +150
°C
Junction Temperature
+150
°C
ESD Ratings:
Human Body Model (HBM)
4000
V
Charged Device Model (CDM)
1000
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
2
Submit Documentation Feedback


Similar Part No. - INA204AIDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA204AIDGSR TI1-INA204AIDGSR Datasheet
1Mb / 37P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA204AIDGSRG4 TI1-INA204AIDGSRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
More results

Similar Description - INA204AIDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA203-Q1 TI-INA203-Q1_15 Datasheet
647Kb / 24P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA206 TI1-INA206 Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203-Q1 TI1-INA203-Q1 Datasheet
701Kb / 23P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203 TI1-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA206 TI-INA206_15 Datasheet
1Mb / 39P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203 TI-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA270 TI1-INA270_14 Datasheet
816Kb / 26P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor
INA206 TI-INA206 Datasheet
433Kb / 23P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Dual Comparators
INA271-HT TI-INA271-HT Datasheet
335Kb / 18P
[Old version datasheet]   VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
logo
Burr-Brown (TI)
INA270 BURR-BROWN-INA270 Datasheet
295Kb / 13P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com