Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA200AIDGKR Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA200AIDGKR
Description  High-Side Measurement Current-Shunt Monitor with Comparator and Reference
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA200AIDGKR Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button INA200AIDGKR Datasheet HTML 2Page - Burr-Brown (TI) INA200AIDGKR Datasheet HTML 3Page - Burr-Brown (TI) INA200AIDGKR Datasheet HTML 4Page - Burr-Brown (TI) INA200AIDGKR Datasheet HTML 5Page - Burr-Brown (TI) INA200AIDGKR Datasheet HTML 6Page - Burr-Brown (TI) INA200AIDGKR Datasheet HTML 7Page - Burr-Brown (TI) INA200AIDGKR Datasheet HTML 8Page - Burr-Brown (TI) INA200AIDGKR Datasheet HTML 9Page - Burr-Brown (TI) INA200AIDGKR Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
INA200
INA201
INA202
SBOS374 − NOVEMBER 2006
www.ti.com
6
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = +12V, VIN+ = 12V, and VSENSE = 100mV, unless otherwise noted.
45
40
35
30
25
20
15
10
5
10k
100k
Frequency (Hz)
GAIN vs FREQUENCY
1M
G = 100
C
LOAD = 1000pF
G= 50
G= 20
45
40
35
30
25
20
15
10
5
10k
100k
Frequency (Hz)
GAIN vs FREQUENCY
1M
G= 100
G= 50
G= 20
20
18
16
14
12
10
8
6
4
2
0
20
100
200
300
400
500
600
700
V
DIFFERENTIAL (mV)
GAIN PLOT
800
900
50V/V
20V/V
100V/V
140
130
120
110
100
90
80
70
60
50
40
10
100
1k
10k
Frequency (Hz)
COMMON−MODE AND POWER−SUPPLY REJECTION
vs FREQUENCY
100k
CMR
PSR
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
50
100 150
200
250 300
350
V
SENSE (mV)
OUTPUT ERROR vs V
SENSE
400
450
500
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
−16 −12 −8 −40
4
12
8
20
16
Common−Mode Voltage (V)
OUTPUT ERROR vs COMMON−MODE VOLTAGE
...
76
80


Similar Part No. - INA200AIDGKR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA200AIDGKR BURR-BROWN-INA200AIDGKR Datasheet
285Kb / 19P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA200AIDGKR TI1-INA200AIDGKR Datasheet
1Mb / 32P
[Old version datasheet]   INA20x High-Side Measurement Current-Shunt Monitor
INA200AIDGKR TI1-INA200AIDGKR Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
logo
Burr-Brown (TI)
INA200AIDGKRG4 BURR-BROWN-INA200AIDGKRG4 Datasheet
285Kb / 19P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA200AIDGKRG4 TI1-INA200AIDGKRG4 Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
More results

Similar Description - INA200AIDGKR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA202AID TI1-INA202AID Datasheet
1,017Kb / 26P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA201-Q1 TI1-INA201-Q1 Datasheet
703Kb / 21P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AIDR TI1-INA200AIDR Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AID TI1-INA200AID Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200 TI1-INA200_17 Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
INA200 TI-INA200_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com