Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSDL321 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSDL321
Description  Green Mode Fairchild Power Switch (FPSTM)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSDL321 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSDL321 Datasheet HTML 1Page - Fairchild Semiconductor FSDL321 Datasheet HTML 2Page - Fairchild Semiconductor FSDL321 Datasheet HTML 3Page - Fairchild Semiconductor FSDL321 Datasheet HTML 4Page - Fairchild Semiconductor FSDL321 Datasheet HTML 5Page - Fairchild Semiconductor FSDL321 Datasheet HTML 6Page - Fairchild Semiconductor FSDL321 Datasheet HTML 7Page - Fairchild Semiconductor FSDL321 Datasheet HTML 8Page - Fairchild Semiconductor FSDL321 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
FSDL0365RN, FSDM0365RN
5
Electrical Characteristics
(Ta = 25
°C unless otherwise specified)
Note:
1. Pulse test: Pulse width ≤ 300us, duty ≤ 2%
2. These parameters, although guaranteed, are tested in EDS (wafer test) process
3. These parameters, although guaranteed, are not 100% tested in production
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
SENSE FET SECTION
Zero-Gate-Voltage Drain Current
IDSS
VDS=650V, VGS=0V
-
-
50
µA
VDS=520V, VGS=0V,
TC=125°C
-
-
200
µA
Drain-Source On-State Resistance(1)
RDS(ON)
VGS=10V, ID=0.5A
-
3.6
4.5
Input Capacitance
CISS
VGS=0V, VDS=25V,
f=1MHz
-
315
-
pF
Output Capacitance
COSS
-47-
pF
Reverse Transfer Capacitance
CRSS
-9-
pF
Turn-On Delay Time
td(on)
VDS=325V, ID=1.0A
-
11.2
-
ns
Rise Time
tr
-
34
-
ns
Turn-Off Delay Time
td(off)
-
28.2
-
ns
Fall Time
tf
-
32
-
ns
CONTROL SECTION
Switching Frequency
fOSC
FSDM0365R
61
67
73
KHz
Switching Frequency Modulation
∆fMOD
±1.5
±2.0
±2.5
KHz
Switching Frequency
fOSC
FSDL0365R
45
50
55
KHz
Switching Frequency Modulation
∆fMOD
±1.0
±1.5
±2.0
KHz
Switching Frequency Variation(2)
∆fOSC
-25
°C ≤ Ta ≤ 85°C
-
±5
±10
%
Maximum Duty Cycle
DMAX
71
77
83
%
Minimum Duty Cycle
DMIN
00
0
%
UVLO Threshold Voltage
VSTART
VFB=GND
11
12
13
V
VSTOP
VFB=GND
7
8
9
V
Feedback Source Current
IFB
VFB=GND
0.7
0.9
1.1
mA
Internal Soft Start Time
tS/S
VFB=4V
10
15
20
ms
BURST MODE SECTION
Burst Mode Voltage
VBURH
-
0.4
0.5
0.6
V
VBURL
-
0.25
0.35
0.45
V
PROTECTION SECTION
Peak Current Limit
ILIM
Max. inductor current
1.89
2.15
2.41
A
Current Limit Delay Time(3)
tCLD
-
500
-
ns
Thermal Shutdown Temperature
TSD
-
125
140
-
°C
Shutdown Feedback Voltage
VSD
5.5
6.0
6.5
V
Over Voltage Protection
VOVP
18
19
-
V
Shutdown Delay Current
IDELAY
VFB=4V
3.5
5.0
6.5
µA
Leading Edge Blanking Time
tLEB
200
-
-
ns
TOTAL DEVICE SECTION
Operating Supply Current (control part only)
IOP
VCC=14V
1
3
5
mA
Start-Up Charging Current
ICH
VCC=0V
0.7
0.85
1.0
mA
Vstr Supply Voltage
VSTR
VCC=0V
35
-
-
V


Similar Part No. - FSDL321

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDL321 FAIRCHILD-FSDL321 Datasheet
479Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDL321 FAIRCHILD-FSDL321 Datasheet
935Kb / 22P
   Green Mode Fairchild Power Switch (FPSTM)
FSDL321 FAIRCHILD-FSDL321 Datasheet
914Kb / 20P
   Green Mode Fairchild Power Switch (FPS TM)
FSDL321 FAIRCHILD-FSDL321 Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDL321 FAIRCHILD-FSDL321 Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
More results

Similar Description - FSDL321

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM101 FAIRCHILD-FSDM101 Datasheet
542Kb / 14P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0565RBWDTU FAIRCHILD-FSDM0565RBWDTU Datasheet
267Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0565RB FAIRCHILD-FSDM0565RB_06 Datasheet
470Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM311 FAIRCHILD-FSDM311 Datasheet
721Kb / 16P
   Green Mode Fairchild Power Switch (FPSTM)
FSDH0170RNB FAIRCHILD-FSDH0170RNB Datasheet
598Kb / 19P
   Green Mode Fairchild Power Switch (FPSTM)
FSDL0165RN FAIRCHILD-FSDL0165RN Datasheet
479Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0365RN FAIRCHILD-FSDM0365RN Datasheet
935Kb / 22P
   Green Mode Fairchild Power Switch (FPSTM)
FSD210 FAIRCHILD-FSD210 Datasheet
391Kb / 18P
   Green Mode Fairchild Power Switch (FPSTM)
FSDH0265RN FAIRCHILD-FSDH0265RN_05 Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSES0765RG FAIRCHILD-FSES0765RG Datasheet
249Kb / 18P
   Green Mode Fairchild Power Switch (FPS) for Green Mode Fairchild Power Switch (FPSTM) for
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com