Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA3693IDBQRG4 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA3693IDBQRG4
Description  Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA3693IDBQRG4 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button OPA3693IDBQRG4 Datasheet HTML 6Page - Burr-Brown (TI) OPA3693IDBQRG4 Datasheet HTML 7Page - Burr-Brown (TI) OPA3693IDBQRG4 Datasheet HTML 8Page - Burr-Brown (TI) OPA3693IDBQRG4 Datasheet HTML 9Page - Burr-Brown (TI) OPA3693IDBQRG4 Datasheet HTML 10Page - Burr-Brown (TI) OPA3693IDBQRG4 Datasheet HTML 11Page - Burr-Brown (TI) OPA3693IDBQRG4 Datasheet HTML 12Page - Burr-Brown (TI) OPA3693IDBQRG4 Datasheet HTML 13Page - Burr-Brown (TI) OPA3693IDBQRG4 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
www.ti.com
65
60
55
50
45
40
35
30
25
20
Frequency(Hz)
1k
10k
100k
1M
10M
100M
+PSRR
-PSRR
10
1
0.1
Frequency(Hz)
10k
100M
100k
1M
10M
1/3
OPA3693
300W
+5V
-5V
300W
50W
Z
O
44
42
40
38
36
34
32
30
140
135
130
125
120
115
110
105
Temperature( C)
°
-50
-25
0
25
50
75
100
125
SupplyCurrent
LeftScale
SinkingOutputCurrent
RightScale
SourcingOutputCurrent
RightScale
5
4
3
2
1
0
-1
-2
-3
-4
-5
-250 -200 -150 -100 -50
0
250
200
150
100
50
I (mA)
O
1WInternalPowerBoundary
Single-Channel
1WInternal
PowerBoundary
Single-Channel
100
LoadLine
W
50
LoadLine
W
20
LoadLine
W
Time(50ns/div)
6
4
2
0
-2
-4
-6
G=+2
R =100W
L
SeeFigure42
Input
Output
Time(50ns/div)
6
4
2
0
-2
-4
-6
G= 1
-
R =100W
L
SeeFigure44
Input
Output
OPA3693
SBOS353 – DECEMBER 2006
TYPICAL CHARACTERISTICS:
±5V (continued)
At G = +2 (–IN grounded) and R
L = 100Ω, unless otherwise noted.
PSRR vs FREQUENCY
CLOSED-LOOP OUTPUT IMPEDANCE
Figure 19.
Figure 20.
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
SUPPLY AND OUTPUT CURRENT vs TEMPERATURE
Figure 21.
Figure 22.
NONINVERTING OVERDRIVE RECOVERY
INVERTING OVERDRIVE RECOVERY
Figure 23.
Figure 24.
10
Submit Documentation Feedback


Similar Part No. - OPA3693IDBQRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3693IDBQRG4 BURR-BROWN-OPA3693IDBQRG4 Datasheet
942Kb / 29P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
More results

Similar Description - OPA3693IDBQRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3693 BURR-BROWN-OPA3693 Datasheet
942Kb / 29P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
logo
Texas Instruments
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA693 BURR-BROWN-OPA693 Datasheet
522Kb / 25P
   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3682 BURR-BROWN-OPA3682 Datasheet
234Kb / 19P
   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
   Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
logo
Burr-Brown (TI)
OPA2682 BURR-BROWN-OPA2682 Datasheet
182Kb / 19P
   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com