Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSDH0265RN Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FSDH0265RN
Description  Green Mode Fairchild Power Switch (FPSTM)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSDH0265RN Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FSDH0265RN_05 Datasheet HTML 3Page - Fairchild Semiconductor FSDH0265RN_05 Datasheet HTML 4Page - Fairchild Semiconductor FSDH0265RN_05 Datasheet HTML 5Page - Fairchild Semiconductor FSDH0265RN_05 Datasheet HTML 6Page - Fairchild Semiconductor FSDH0265RN_05 Datasheet HTML 7Page - Fairchild Semiconductor FSDH0265RN_05 Datasheet HTML 8Page - Fairchild Semiconductor FSDH0265RN_05 Datasheet HTML 9Page - Fairchild Semiconductor FSDH0265RN_05 Datasheet HTML 10Page - Fairchild Semiconductor FSDH0265RN_05 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
FSDH0265RN, FSDM0265RN
7
Typical Performance Characteristics (Control Part)
(These characteristic graphs are normalized at Ta = 25°C)
0.00
0.20
0.40
0.60
0.80
1.00
1.20
-50
0
50
100
150
Temp[℃]
Operating Frequency (Fosc) vs. Ta
0.00
0.20
0.40
0.60
0.80
1.00
1.20
-50
0
50
100
150
Temp[℃]
Frequency Modulation (
∆FMOD) vs. Ta
0.00
0.20
0.40
0.60
0.80
1.00
1.20
-50
0
50
100
150
Temp[℃]
Maximum Duty Cycle (DMAX) vs. Ta
0.00
0.20
0.40
0.60
0.80
1.00
1.20
-50
0
50
100
150
Temp[℃]
Operating Supply Current (IOP) vs. Ta
0.00
0.20
0.40
0.60
0.80
1.00
1.20
-50
0
50
100
150
Temp[℃]
Start Threshold Voltage (VSTART) vs. Ta
0.00
0.20
0.40
0.60
0.80
1.00
1.20
-50
0
50
100
150
Temp[℃]
Stop Threshold Voltage (VSTOP) vs. Ta


Similar Part No. - FSDH0265RN_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDH0265RN FAIRCHILD-FSDH0265RN Datasheet
479Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDH0265RN FAIRCHILD-FSDH0265RN Datasheet
935Kb / 22P
   Green Mode Fairchild Power Switch (FPSTM)
FSDH0265RN FAIRCHILD-FSDH0265RN Datasheet
914Kb / 20P
   Green Mode Fairchild Power Switch (FPS TM)
FSDH0265RN FAIRCHILD-FSDH0265RN Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDH0265RN FAIRCHILD-FSDH0265RN Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
More results

Similar Description - FSDH0265RN_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM101 FAIRCHILD-FSDM101 Datasheet
542Kb / 14P
   Green Mode Fairchild Power Switch (FPSTM)
FSDL0365RN FAIRCHILD-FSDL0365RN_05 Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0565RBWDTU FAIRCHILD-FSDM0565RBWDTU Datasheet
267Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0565RB FAIRCHILD-FSDM0565RB_06 Datasheet
470Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM311 FAIRCHILD-FSDM311 Datasheet
721Kb / 16P
   Green Mode Fairchild Power Switch (FPSTM)
FSDH0170RNB FAIRCHILD-FSDH0170RNB Datasheet
598Kb / 19P
   Green Mode Fairchild Power Switch (FPSTM)
FSDL0165RN FAIRCHILD-FSDL0165RN Datasheet
479Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0365RN FAIRCHILD-FSDM0365RN Datasheet
935Kb / 22P
   Green Mode Fairchild Power Switch (FPSTM)
FSD210 FAIRCHILD-FSD210 Datasheet
391Kb / 18P
   Green Mode Fairchild Power Switch (FPSTM)
FSES0765RG FAIRCHILD-FSES0765RG Datasheet
249Kb / 18P
   Green Mode Fairchild Power Switch (FPS) for Green Mode Fairchild Power Switch (FPSTM) for
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com