Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8805QDBTR Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC8805QDBTR
Description  14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8805QDBTR Datasheet(HTML) 2 Page - Burr-Brown (TI)

  DAC8805QDBTR Datasheet HTML 1Page - Burr-Brown (TI) DAC8805QDBTR Datasheet HTML 2Page - Burr-Brown (TI) DAC8805QDBTR Datasheet HTML 3Page - Burr-Brown (TI) DAC8805QDBTR Datasheet HTML 4Page - Burr-Brown (TI) DAC8805QDBTR Datasheet HTML 5Page - Burr-Brown (TI) DAC8805QDBTR Datasheet HTML 6Page - Burr-Brown (TI) DAC8805QDBTR Datasheet HTML 7Page - Burr-Brown (TI) DAC8805QDBTR Datasheet HTML 8Page - Burr-Brown (TI) DAC8805QDBTR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DAC8805
SBAS391A – DECEMBER 2006 – REVISED MAY 2007
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
ORDERING INFORMATION(1)
RELATIVE
DIFFERENTIAL
SPECIFIED
ACCURACY
NONLINEARITY
PACKAGE-LEAD
TEMPERATURE
PACKAGE
PRODUCT
(LSB)
(LSB)
(DESIGNATOR)
RANGE
MARKING
TSSOP-38
DAC8805Q
±1
±1
–40
°C to +125°C
DAC8805
(DBT)
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
over operating free-air temperature range (unless otherwise noted)(1)
DAC8805
UNIT
VDD to GND
–0.3 to +7
V
Digital input voltage to GND
–0.3 to +VDD + 0.3
V
V (IOUT) to GND
–0.3 to +VDD + 0.3
V
REF, ROFS, RFB, R1, RCOM to AGND, DGND
±25
V
Operating temperature range
–40 to +125
°C
Storage temperature range
–65 to +150
°C
Junction temperature range (TJ max)
+150
°C
Power dissipation
(TJ max – TA) / RθJA
W
Thermal impedance, RθJA
53
°C/W
Human Body Model (HBM)
4000
V
ESD rating
Charged Device Model (CDM)
500
V
(1)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback


Similar Part No. - DAC8805QDBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8805QDBTR TI1-DAC8805QDBTR Datasheet
797Kb / 25P
[Old version datasheet]   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
More results

Similar Description - DAC8805QDBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8805 TI1-DAC8805_14 Datasheet
797Kb / 25P
[Old version datasheet]   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7822 BURR-BROWN-DAC7822 Datasheet
610Kb / 18P
   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822 BURR-BROWN-DAC8822_07 Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC7822 TI1-DAC7822_14 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8822 BURR-BROWN-DAC8822 Datasheet
495Kb / 21P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8802 TI-DAC8802 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8806 TI-DAC8806_15 Datasheet
1Mb / 22P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
REVISED FEBRUARY 2008
DAC8801 TI1-DAC8801_16 Datasheet
991Kb / 22P
[Old version datasheet]   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com