Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM3793A Datasheet(PDF) 44 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM3793A
Description  16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3793A Datasheet(HTML) 44 Page - Burr-Brown (TI)

Back Button PCM3793A Datasheet HTML 40Page - Burr-Brown (TI) PCM3793A Datasheet HTML 41Page - Burr-Brown (TI) PCM3793A Datasheet HTML 42Page - Burr-Brown (TI) PCM3793A Datasheet HTML 43Page - Burr-Brown (TI) PCM3793A Datasheet HTML 44Page - Burr-Brown (TI) PCM3793A Datasheet HTML 45Page - Burr-Brown (TI) PCM3793A Datasheet HTML 46Page - Burr-Brown (TI) PCM3793A Datasheet HTML 47Page - Burr-Brown (TI) PCM3793A Datasheet HTML 48Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
www.ti.com
Attack
Recovery
+FS
–FS
+FS
–FS
Input Data
Output Data
Attack Time
Recovery Time
+FS
–FS
+FS
–FS
Input Data
Output Data
T0166-01
PCM3793A
PCM3794A
SLAS529A – JANUARY 2007 – REVISED FEBRUARY 2007
Register 83
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 83
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RALC
RSV
RRTC
RATC
RCP1
RCP0
RLV1
RLV0
IDX[6:0]: 101 0011b (53h): Register 83
RALC: Automatic Level Control (ALC) Enable for Recording
Default value: 0
Automatic level control can be enabled with some parameters for microphone input or lower analog source level.
RALC = 0
Disable (default)
RALC = 1
Enable
RRTC: ALC Recovery Time Control for Recording
Default value: 0
This bit is used to select the recovery time for the ALC. The response is shown in Figure 37.
RRTC = 0
3.4 s (default)
RRTC = 1
13.6 s
RATC: ALC Attack Time Control for Recording
Default value: 0
This bit is used to select the attack time for the ALC. The response is shown in Figure 37.
RATC = 0
1 ms (default)
RATC = 1
2 ms
Figure 37. Attack and Recovery Time Response
44
Submit Documentation Feedback


Similar Part No. - PCM3793A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3793A TI1-PCM3793A Datasheet
1Mb / 70P
[Old version datasheet]   Low-Power Stereo Audio CODEC
PCM3793ARHBR TI1-PCM3793ARHBR Datasheet
1Mb / 70P
[Old version datasheet]   Low-Power Stereo Audio CODEC
PCM3793ARHBT TI1-PCM3793ARHBT Datasheet
1Mb / 70P
[Old version datasheet]   Low-Power Stereo Audio CODEC
PCM3793A TI1-PCM3793A_16 Datasheet
1Mb / 70P
[Old version datasheet]   Low-Power Stereo Audio CODEC
More results

Similar Description - PCM3793A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3793 BURR-BROWN-PCM3793 Datasheet
959Kb / 63P
   16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Texas Instruments
PCM1870A TI-PCM1870A Datasheet
675Kb / 46P
[Old version datasheet]   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Burr-Brown (TI)
PCM1870 BURR-BROWN-PCM1870 Datasheet
759Kb / 49P
   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
PA5331 PROTEC-PA5331 Datasheet
744Kb / 27P
   Low Power 24-Bit, Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
   Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Texas Instruments
TLV320AIC26 TI-TLV320AIC26_07 Datasheet
968Kb / 74P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC WITH HEADPHONE/SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC
TLV320AIC26 TI-TLV320AIC26 Datasheet
628Kb / 63P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC WITH HEADPHONE/SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com