Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM3793A Datasheet(PDF) 33 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM3793A
Description  16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3793A Datasheet(HTML) 33 Page - Burr-Brown (TI)

Back Button PCM3793A Datasheet HTML 29Page - Burr-Brown (TI) PCM3793A Datasheet HTML 30Page - Burr-Brown (TI) PCM3793A Datasheet HTML 31Page - Burr-Brown (TI) PCM3793A Datasheet HTML 32Page - Burr-Brown (TI) PCM3793A Datasheet HTML 33Page - Burr-Brown (TI) PCM3793A Datasheet HTML 34Page - Burr-Brown (TI) PCM3793A Datasheet HTML 35Page - Burr-Brown (TI) PCM3793A Datasheet HTML 36Page - Burr-Brown (TI) PCM3793A Datasheet HTML 37Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
www.ti.com
PCM3793A
PCM3794A
SLAS529A – JANUARY 2007 – REVISED FEBRUARY 2007
Registers 66 and 67
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 66
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
SMUL
SLV5
SLV4
SLV3
SLV2
SLV1
SLV0
Register 67
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
SMUR
SRV5
SRV4
SRV3
SRV2
SRV1
SRV0
IDX[6:0]: 100 0010b (42h): Register 66
IDX[6:0]: 100 0011b (43h): Register 67
SMUL: Digital Soft Mute Control for SPL (Speaker Output, L-Channel)
SMUR: Digital Soft Mute Control for SPR (Speaker Output R-Channel)
Default value: 1
SPOLP/SPOLN and SPORP/SPORN can be independently muted to the zero level when SMUL and SMUR = 1.
These settings have precedence over analog volume level settings.
SMUL, SMUR = 0
Mute disabled
SMUL, SMUR = 1
Mute enabled (default)
SLV[5:0]: Gain Setting for SPL (Speaker Output L-Channel)
SRV[5:0]: Gain Setting for SPR (Speaker Output R-Channel)
Default value: 00 0000.
SPOLP/SPOLN and SPORP/SPORN can be independently controlled between 6 dB and –70 dB, with step size
depending on the gain level as shown in Table 8. Outputs may have zipper noise while changing levels. This
noise can be reduced by selecting zero-cross detection (register 86, ZCRS).
Table 8. Speaker Gain Level Setting
SLV[5:0],
GAIN LEVEL
SLV[5:0],
GAIN LEVEL
SLV[5:0],
GAIN LEVEL
STEP
STEP
STEP
SRV[5:0]
SETTING
SRV[5:0]
SETTING
SRV[5:0]
SETTING
11 1111
3F
6 dB
10 1001
29
–5 dB
01 0011
13
–21 dB
11 1110
3E
5.5 dB
10 1000
28
–5.5 dB
01 0010
12
–22 dB
1 dB
11 1101
3D
5 dB
10 0111
27
–6 dB
01 0001
11
–23 dB
11 1100
3C
4.5 dB
10 0110
26
–6.5 dB
01 0000
10
–24 dB
11 1011
3B
4 dB
10 0101
25
–7 dB
00 1111
0F
–26 dB
11 1010
3A
3.5 dB
10 0100
24
–7.5 dB
00 1110
0E
–28 dB
11 1001
39
3 dB
10 0011
23
0.5 dB
–8 dB
00 1101
0D
–30 dB
11 1000
38
2.5 dB
10 0010
22
–8.5 dB
00 1100
0C
–32 dB
11 0111
37
2 dB
10 0001
21
–9 dB
00 1011
0B
2 dB
–34 dB
11 0110
36
1.5 dB
10 0000
20
–9.5 dB
00 1010
0A
–36 dB
11 0101
35
1 dB
01 1111
1F
–10 dB
00 1001
09
–38 dB
0.5 dB
11 0100
34
0.5 dB
01 1110
1E
–10.5 dB
00 1000
08
–40 dB
11 0011
33
0 dB
01 1101
1D
–11 dB
00 0111
07
–42 dB
11 0010
32
–0.5 dB
01 1100
1C
–12 dB
00 0110
06
–46 dB
11 0001
31
–1 dB
01 1011
1B
–13 dB
00 0101
05
–50 dB
11 0000
30
–1.5 dB
01 1010
1A
–14 dB
00 0100
04
–54 dB
10 1111
2F
–2 dB
01 1001
19
–15 dB
00 0011
03
4 dB
–58 dB
10 1110
2E
–2.5 dB
01 1000
18
1 dB
–16 dB
00 0010
02
–62 dB
10 1101
2D
–3 dB
01 0111
17
–17 dB
00 0001
01
–66 dB
10 1100
2C
–3.5 dB
01 0110
16
–18 dB
00 0000
00
–70 dB
10 1011
2B
–4 dB
01 0101
15
–19 dB
10 1010
2A
– 4.5 dB
01 0100
14
–20 dB
33
Submit Documentation Feedback


Similar Part No. - PCM3793A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3793A TI1-PCM3793A Datasheet
1Mb / 70P
[Old version datasheet]   Low-Power Stereo Audio CODEC
PCM3793ARHBR TI1-PCM3793ARHBR Datasheet
1Mb / 70P
[Old version datasheet]   Low-Power Stereo Audio CODEC
PCM3793ARHBT TI1-PCM3793ARHBT Datasheet
1Mb / 70P
[Old version datasheet]   Low-Power Stereo Audio CODEC
PCM3793A TI1-PCM3793A_16 Datasheet
1Mb / 70P
[Old version datasheet]   Low-Power Stereo Audio CODEC
More results

Similar Description - PCM3793A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3793 BURR-BROWN-PCM3793 Datasheet
959Kb / 63P
   16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Texas Instruments
PCM1870A TI-PCM1870A Datasheet
675Kb / 46P
[Old version datasheet]   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Burr-Brown (TI)
PCM1870 BURR-BROWN-PCM1870 Datasheet
759Kb / 49P
   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
PA5331 PROTEC-PA5331 Datasheet
744Kb / 27P
   Low Power 24-Bit, Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
   Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Texas Instruments
TLV320AIC26 TI-TLV320AIC26_07 Datasheet
968Kb / 74P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC WITH HEADPHONE/SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC
TLV320AIC26 TI-TLV320AIC26 Datasheet
628Kb / 63P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC WITH HEADPHONE/SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com