Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PCM3793A Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. PCM3793A
Description  16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
Download  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

PCM3793A Datasheet(HTML) 3 Page - Burr-Brown (TI)

 
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PCM3793A
PCM3794A
SLAS529A – JANUARY 2007 – REVISED FEBRUARY 2007
All specifications at T
A = 25°C, VDD = VIO = VCC = VPA = 3.3 V, fS = 48 kHz, system clock = 256 fS, and 16-bit data (unless
otherwise noted).
PCM3793ARHB, PCM3794ARHB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
Audio Data Characteristics
DATA FORMAT
Resolution
16
Bits
I2S, left-,
right-
Audio data interface format
justified,
DSP
Audio data bit length
16
Bits
MSB first,
Audio data format
2s
complement
Sampling frequency (fS)
5
50
kHz
VDD < 2 V
27
System clock
MHz
VDD > 2 V
40
Digital Input/Output
CMOS
Logic family
compatible
VIH
0.7 VIO
Input logic level
VDC
VIL
0.3 VIO
IIH
VIN = 3.3 V
10
Input logic current
µA
IIL
VIN = 0 V
–10
VOH
IOH = –2 mA
0.75 VIO
Output logic level
VDC
VOL
IOL = 2 mA
0.25 VIO
Digital Input to Line Output Through DAC (LOL, LOR, and MONO)
RL = 10 kΩ, ALC = OFF, volume = 0 dB, speaker = powered down, analog mixing = disabled
DYNAMIC PERFORMANCE
2.828
Vp-p
Full-scale output voltage
0 dB
1
Vrms
Dynamic range
EIAJ, A-weighted
93
dB
SNR
Signal-to-noise ratio
EIAJ, A-weighted
86
93
dB
Channel separation
91
dB
THD+N
Total harmonic distortion + noise
0 dB
0.008%
Load resistance
10
k
Line Input to Line Output Through Mixing Path (LOL, LOR, and MONO)
RL = 10 kΩ, ALC = OFF, volume = 0 dB, speaker = powered down, analog mixing = enabled
DYNAMIC PERFORMANCE
2.828
Vp-p
Full-scale input and output
0 dB
voltage
1
Vrms
SNR
Signal-to-noise ratio
EIAJ, A-weighted
84
93
dB
3
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn