Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PCM3793A Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. PCM3793A
Description  16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3793A Datasheet(HTML) 2 Page - Burr-Brown (TI)

  PCM3793A Datasheet HTML 1Page - Burr-Brown (TI) PCM3793A Datasheet HTML 2Page - Burr-Brown (TI) PCM3793A Datasheet HTML 3Page - Burr-Brown (TI) PCM3793A Datasheet HTML 4Page - Burr-Brown (TI) PCM3793A Datasheet HTML 5Page - Burr-Brown (TI) PCM3793A Datasheet HTML 6Page - Burr-Brown (TI) PCM3793A Datasheet HTML 7Page - Burr-Brown (TI) PCM3793A Datasheet HTML 8Page - Burr-Brown (TI) PCM3793A Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
PCM3793A
PCM3794A
SLAS529A – JANUARY 2007 – REVISED FEBRUARY 2007
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
over operating free-air temperature range (unless otherwise noted)(1)
MAX
UNIT
Supply voltage
VDD, VIO, VCC, VPA
–0.3 to 4
V
Ground voltage differences: DGND, AGND, PGND
±0.1
V
Input voltage
–0.3 to 4
V
Input current (any pins except supplies and SPK out)
±10
mA
Ambient temperature under bias
–40 to 110
°C
Storage temperature
–55 to 150
°C
Junction temperature
150
°C
Lead temperature (soldering)
260
°C, 5 s
Package temperature (reflow, peak)
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC, VPA
Analog supply voltage
2.4
3.3
3.6
V
VDD, VIO
Digital supply voltage
1.71
3.3
3.6
V
Digital input logic family
CMOS
SCKI system clock
3.072
18.432
MHz
Digital input clock frequency
LRCK sampling clock
8
48
kHz
LOL and LOR
10
k
Analog output load resistance
HPOL and HPOR
16
SPOLP, SPOLN, SPORP and SPORN
8
Analog output load capacitance
30
pF
Digital output load capacitance
10
pF
TA
Operating free-air temperature
–40
85
°C
2
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn