Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1850APJT Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM1850APJT
Description  24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 쨈 2-CHANNEL MUX AND PGAE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1850APJT Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button PCM1850APJT Datasheet HTML 7Page - Burr-Brown (TI) PCM1850APJT Datasheet HTML 8Page - Burr-Brown (TI) PCM1850APJT Datasheet HTML 9Page - Burr-Brown (TI) PCM1850APJT Datasheet HTML 10Page - Burr-Brown (TI) PCM1850APJT Datasheet HTML 11Page - Burr-Brown (TI) PCM1850APJT Datasheet HTML 12Page - Burr-Brown (TI) PCM1850APJT Datasheet HTML 13Page - Burr-Brown (TI) PCM1850APJT Datasheet HTML 14Page - Burr-Brown (TI) PCM1850APJT Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
www.ti.com
TYPICAL PERFORMANCE CURVES AT PGA GAIN = –5.5 dB
97
98
99
100
101
102
103
104
105
106
107
−40
−15
10
35
60
85
TA – Free-Air Temperature – °C
SNR
Dynamic Range
G010
TA – Free-Air Temperature – °C
0.001
0.002
0.003
0.004
−40
−15
10
35
60
85
G009
97
98
99
100
101
102
103
104
105
106
107
4.5
4.7
4.9
5.1
5.3
5.5
VCC – Supply Voltage – V
SNR
Dynamic Range
G012
0.001
0.002
0.003
0.004
4.5
4.7
4.9
5.1
5.3
5.5
VCC – Supply Voltage – V
G011
PCM1850A
PCM1851A
SLES173 – MARCH 2006
All specifications at T
A = 25°C, VCC = 5 V, VDD = 3.3 V, master mode, fS = 48 kHz, system clock = 256 fS, 24-bit data (unless
otherwise noted).
TOTAL HARMONIC DISTORTION + NOISE
DYNAMIC RANGE AND SNR
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 9.
Figure 10.
TOTAL HARMONIC DISTORTION + NOISE
DYNAMIC RANGE AND SNR
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 11.
Figure 12.
11
Submit Documentation Feedback


Similar Part No. - PCM1850APJT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1850 BURR-BROWN-PCM1850 Datasheet
370Kb / 10P
   24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 X 2-CHANNEL MUX AND PGA
logo
Texas Instruments
PCM1850 TI1-PCM1850 Datasheet
560Kb / 33P
[Old version datasheet]   6  2-CHANNEL MUX AND PGA
logo
Burr-Brown (TI)
PCM1850PJT BURR-BROWN-PCM1850PJT Datasheet
370Kb / 10P
   24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 X 2-CHANNEL MUX AND PGA
logo
Texas Instruments
PCM1850PJT TI1-PCM1850PJT Datasheet
560Kb / 33P
[Old version datasheet]   6  2-CHANNEL MUX AND PGA
PCM1850PJTG4 TI1-PCM1850PJTG4 Datasheet
560Kb / 33P
[Old version datasheet]   6  2-CHANNEL MUX AND PGA
More results

Similar Description - PCM1850APJT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1851 BURR-BROWN-PCM1851 Datasheet
370Kb / 10P
   24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 X 2-CHANNEL MUX AND PGA
logo
Cirrus Logic
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
   24-Bit, 96 kHz Stereo A/D Converter?
logo
Elite Semiconductor Mem...
AD12250A ESMT-AD12250A Datasheet
132Kb / 3P
   24 bit, 96 kHz Stereo A/D Converter
logo
Cirrus Logic
CS4334 CIRRUS-CS4334_04 Datasheet
740Kb / 25P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS4334 CIRRUS-CS4334 Datasheet
817Kb / 26P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS4334 CIRRUS-CS4334_08 Datasheet
806Kb / 24P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
logo
Texas Instruments
PCM1807 TI1-PCM1807_15 Datasheet
796Kb / 33P
[Old version datasheet]   96-kHz Stereo A/D Converter
PCM1803 TI1-PCM1803_09 Datasheet
447Kb / 23P
[Old version datasheet]   96-kHz STEREO A/D CONVERTER
PCM1803A TI-PCM1803A Datasheet
228Kb / 22P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1802DBRG4 TI1-PCM1802DBRG4 Datasheet
411Kb / 28P
[Old version datasheet]   SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com